전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MKWI40 데이터시트(PDF) 1 Page - Minmax Technology Co., Ltd.

부품명 MKWI40
상세설명  DC/DC CONVERTER 40W, Highest Power Density
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINMAX [Minmax Technology Co., Ltd.]
홈페이지  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKWI40 데이터시트(HTML) 1 Page - Minmax Technology Co., Ltd.

  MKWI40 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKWI40 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKWI40 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKWI40 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKWI40 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKWI40 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKWI40 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKWI40 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MKWI40 SERIES
DC/DC CONVERTER 40W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/04/20 REV:4
Page 1 of 8
®
FEATURES
Smallest Encapsulated 40W Converter!
Package Size 2.0”x 1.0”x 0.4”
Ultra-wide 4:1 lnput Range
Excellent Efficiency up to 90%
Operating Temp. Range -40°C to +80°C
Over-temperature Protection
I/O-isolation Voltage 1500VDC
Remote On/Off Control
Shielded Metal Case with Isolated Baseplate
3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MKWI40 series is the latest generation of high performance DC-DC converter modules setting a new standard concerning power density. The
product offers fully 40W in an encapsulated, shielded metal package with dimensions of just 2.0”x1.0”x0.4”. All models provide ultra-wide 4:1 input voltage
range and precisely regulated output voltages.
Advanced circuit topology provides a very high efficiency up to 90% which allows an operating temperature range of -40°C to +80°C. Further features
include remote On/Off, trimmable output voltage, under-voltage lockout as well as overload and over-temperature protection.
Typical applications for these converters are battery operated equipment, instrumentation, distributed power architectures in communication and industrial
electronics and many other space critical applications.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Over
Voltage
Protection
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA (typ.)
VDC
μF
%
MKWI40-24S033
3.3
8000
0
1240
90
3.9
21000
89
MKWI40-24S05
5
8000
0
1850
90
6.2
13600
90
MKWI40-24S12
12
3330
0
1870
95
15
2400
89
MKWI40-24S15
15
2670
0
1870
105
18
1500
89
MKWI40-24S24
24
1670
0
1870
115
30
600
89
MKWI40-24D12
±12
±1670
±145
1890
65
±15
1200#
88
MKWI40-24D15
24
(9 ~ 36)
±15
±1330
±110
1890
65
30
±18
750#
88
MKWI40-48S033
3.3
8000
0
620
55
3.9
21000
89
MKWI40-48S05
5
8000
0
930
55
6.2
13600
90
MKWI40-48S12
12
3330
0
930
60
15
2400
90
MKWI40-48S15
15
2670
0
930
65
18
1500
90
MKWI40-48S24
24
1670
0
940
75
30
600
89
MKWI40-48D12
±12
±1670
±145
950
45
±15
1200#
88
MKWI40-48D15
48
(18 ~ 75)
±15
±1330
±110
950
45
20
±18
750#
88
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (100ms. max.)
48V Input Models
-0.7
---
100
24V Input Models
---
---
9
Start-Up Threshold Voltage
48V Input Models
---
---
18
24V Input Models
---
8.3
---
Under Voltage Lockout
48V Input Models
---
16.5
---
VDC
Input Polarity Protection
None
Power Up
---
---
30
ms
Start Up Time
Remote On/Off
Nominal Vin and Constant Resistive Load
---
---
30
ms
Internal Filter Type
All Models
LC Filter (for EN55022,Class A compliance see page 7)
Short Circuit Current
--- (Hiccup Mode 1.5 Hz typ.)


유사한 부품 번호 - MKWI40

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
MKWI40 TOTAL-POWER-MKWI40 Datasheet
564Kb / 8P
Smallest Encapsulated 40W Converter
MKWI40-24D12 TOTAL-POWER-MKWI40-24D12 Datasheet
564Kb / 8P
Smallest Encapsulated 40W Converter
MKWI40-24D15 TOTAL-POWER-MKWI40-24D15 Datasheet
564Kb / 8P
Smallest Encapsulated 40W Converter
MKWI40-24S033 TOTAL-POWER-MKWI40-24S033 Datasheet
564Kb / 8P
Smallest Encapsulated 40W Converter
MKWI40-24S05 TOTAL-POWER-MKWI40-24S05 Datasheet
564Kb / 8P
Smallest Encapsulated 40W Converter
More results

유사한 설명 - MKWI40

제조업체부품명데이터시트상세설명
logo
Minmax Technology Co., ...
MJW25 MINMAX-MJW25 Datasheet
374Kb / 10P
DC/DC CONVERTER 25W, Highest Power Density 1
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
DC/DC CONVERTER 20W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
DC/DC CONVERTER 40W, Highest Power Density
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
DC/DC CONVERTER 50W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
DC/DC CONVERTER 40W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
DC/DC CONVERTER 25W, Highest Power Density
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com