전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT4455 데이터시트(PDF) 8 Page - Aeroflex Circuit Technology

부품명 ACT4455
상세설명  ACT 4455 / 4459 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AEROFLEX [Aeroflex Circuit Technology]
홈페이지  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4455 데이터시트(HTML) 8 Page - Aeroflex Circuit Technology

  ACT4455 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4455 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4455 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4455 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4455 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4455 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4455 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4455 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Aeroflex Circuit Technology
SCD4455 REV A 1/29/98
Plainview NY (516) 694-6700
8
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800)THE-1553
Specifications subject to change without notice.
CIRCUIT TECHNOLOGY
Configurations and Ordering Information
Model No.
DESC No.
Receiver Data level
Case
Configuration
ACT 4455
5962-96741
Normally Low Rx
LCC
Single
ACT 4459
5962-96741
Normally High Rx
LCC
Single
ACT4455/4459 LCC LEADLESS CHIP CARRIER
0.055
0.045
0.055
0.045
0.028
0.022
0.458
0.442
0.458
0.442
0.100
MAX
0.055
0.045
Notes
2. Pins are equally spaced at 0.100±0.002 tolerance,
non-cumulative, each row



Html Pages

1 2 3 4 5 6 7 8