| 전자부품 데이터시트 검색엔진 |
|
ACT7005 데이터시트(PDF) 26 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
ACT7005 데이터시트(HTML) 26 Page - Aeroflex Circuit Technology |
|
26 / 29 page ![]() Aeroflex Circuit Technology SCD7005 REV B 8/2/01 Plainview NY (516) 694-6700 26 LOAD OPERATION REG. RESET FIFO LOAD FIFO WITH DATA EXECUTE OPERATION DONE INTERRUPT ? YES NO SET: SUBADDRESS BITS @ ADDRESS = 0H T/R BIT = 1 (16 BIT MODE) I/O BIT = 1 RESET INPUT FIFO @ ADDRESS = BH LOAD INPUT FIFO @ ADDRESS = EH (MAX = 32 WORDS) WRITE AN ARBITRARY WORD TO ADDRESS = 8H Figure 5 – Flowchart # 1 – Load Data into Transmit RAM DONE |