| 전자부품 데이터시트 검색엔진 |
|
7006 데이터시트(PDF) 27 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
7006 데이터시트(HTML) 27 Page - Aeroflex Circuit Technology |
|
27 / 29 page ![]() Aeroflex Circuit Technology SCD7005 REV B 8/2/01 Plainview NY (516) 694-6700 27 LOAD OPERATION REG. RESET DONE INTERRUPT ? DONE YES NO SET: SUBADDRESS BITS @ ADDRESS = 0H T/R BIT = 0 (16 BIT MODE) I/O BIT = 0 RESET OUTPUT FIFO @ ADDRESS = DH WRITE AN ARBITRARY WORD TO ADDRESS = 8H *FIFO CAN BE READ OUT BEFORE THE DONE INTERRUPT. FIFO READ CAN COMMENCE AS SOON AS THE BUFF EF SIGNAL GOES HIGH. WORDS CAN BE READ AT A MAXIMUM RATE OF 500ns/WORD THEREAFTER. READ OUTPUT FIFO @ ADDRESS = EH (MAX = 32 WORDS) Figure 6 – Flowchart # 2 - Unload Data from Receive RAM OUTPUT FIFO EXECUTE OPERATION READ OUTPUT FIFO |