| 전자부품 데이터시트 검색엔진 |
|
ACT-5261PC-150F24M 데이터시트(PDF) 2 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
ACT-5261PC-150F24M 데이터시트(HTML) 2 Page - Aeroflex Circuit Technology |
|
2 / 5 page ![]() Aeroflex Circuit Technology SCD5261 REV 1 12/22/98 Plainview NY (516) 694-6700 2 DESCRIPTION The Aeroflex ACT5261 is a highly integrated superscalar microprocessor that implements a superset of the MIPS IV Instruction Set Architecture(ISA). It has a high performance 64-bit integer unit, a high throughput, fully pipelined 64-bit floating point unit, an operating system friendly memory management unit with a 48-entry fully associative TLB, a 32 KByte 2-way set associative instruction cache, a 32 KByte 2-way set associative data cache, and a high-performance 64-bit system interface. The ACT5261 can issue both an integer and a floating point instruction in the same cycle. The ACT5261 is ideally suited for high-end embedded control applications such as internetworking, high performance image manipulation, high speed printing, and 3-D visualization. HARDWARE OVERVIEW The ACT5261 offers a high-level of integration targeted at high-performance embedded applications. The key elements of the ACT5261 are briefly described below. Superscalar Dispatch The ACT5261 has an efficient asymmetric superscalar dispatch unit which allows it to issue an integer instruction and a floating-point computation instruction simultaneously. With respect to superscalar issue, integer instructions include alu, branch, load/store, and floating-point load/ store, while floating-point computation instructions include floating-point add, subtract, combined multiply-add, converts, etc. In combination with its high throughput fully pipelined floating-point execution unit, the superscalar capability of the ACT5261 provides unparalleled price/performance in computationally intensive embedded applications. CPU Registers Like all MIPS ISA processors, the ACT5261 CPU has a simple, clean user visible state consisting of 32 general purpose registers, two special purpose registers for integer multiplication and division, a program counter, and no condition code bits. Pipeline For integer operations, loads, stores, and other non-floating-point operations, the ACT5261 uses the simple 5-stage pipeline also found in the RM52xx family, 4600, R4700, and R5000. In addition to this standard pipeline, the ACT5261 uses an extended seven stage pipeline for floating-point operations. Like the ACT5260, the ACT5261 does virtual to physical translation in parallel with cache access. Integer Unit Like the ACT5260, the ACT5261 implements the MIPS IV Instruction Set Architecture, and is therefore fully upward compatible with applications that run on processors implementing the earlier generation MIPS I-III instruction sets. Additionally, the ACT5261 includes two implementation specific instructions not found in the baseline MIPS IV ISA but that are useful in the embedded market place. Described in detail in the QED RM5261 datasheet, these instructions are integer multiply-accumulate and 3-operand integer multiply. The ACT5261 integer unit includes thirty-two general purpose 64-bit registers, a load/store architecture with single cycle ALU operations (add, sub, logical, shift) and an autonomous multiply/ divide unit. Additional register resources include: the HI/LO result registers for the two-operand integer multiply/divide operations, and the program counter(PC). Register File The ACT5261 has thirty-two general purpose registers with register location 0 hard wired to zero. These registers are used for scalar integer operations and address calculation. The register file has two read ports and one write port and is fully bypassed to minimize operation latency in the pipeline. ALU The ACT5261 ALU consists of the integer adder/ subtractor, the logic unit, and the shifter. The adder performs address calculations in addition to arithmetic operations, the logic unit performs all logical and zero shift data moves, and the shifter performs shifts and store alignment operations. Each of these units is optimized to perform all operations in a single processor cycle. For additional Detail Information regarding the operation of the Quantum Effect Design (QED) RISCMark ™ RM 5261™, 64-Bit Superscalar Microprocessor see the latest QED datasheet (Revision 1.0 July 1998). |