전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7585F 데이터시트(PDF) 13 Page - Agere Systems

부품명 L7585F
상세설명  Full-Feature,Low-Power SLIC and Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AGERE [Agere Systems]
홈페이지  
Logo AGERE - Agere Systems

L7585F 데이터시트(HTML) 13 Page - Agere Systems

Back Button L7585F Datasheet HTML 9Page - Agere Systems L7585F Datasheet HTML 10Page - Agere Systems L7585F Datasheet HTML 11Page - Agere Systems L7585F Datasheet HTML 12Page - Agere Systems L7585F Datasheet HTML 13Page - Agere Systems L7585F Datasheet HTML 14Page - Agere Systems L7585F Datasheet HTML 15Page - Agere Systems L7585F Datasheet HTML 16Page - Agere Systems L7585F Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Agere Communications Inc.
13
Data Sheet
September 2001
L7585F Full-Feature, Low-Power SLIC and Switch
Electrical Characteristics (continued)
Transmit direction is tip/ring to VTX. Receive direction is RCVP(N) to tip/ring.
Table 8. Transmission Characteristics
1. Set by external components in conjunction with the T7531A/T7536 codecs. Any complex impedance R1 + R2 || C between 200
Ω and
1200
Ω can be synthesized.
2. Return loss and transhybrid loss are functions of device gain accuracies and the external hybrid circuit. Guaranteed performance assumes
1% tolerance external resistors and capacitors.
3. This parameter is not tested in production; it is guaranteed by design and device characterization.
4. VTX gain depends on the resistor RGX1 from pin VITR to pin ITR. This gain assumes an ideal 8250
Ω, the recommended value. Positive cur-
rent is defined as the differential current flowing from PT to PR. The transmit signal at VTX is measured with respect to pin VRTX.
Parameter
Min
Typ
Max
Unit
ac Termination Impedance1
200
—1200
Ω
Return Loss2:
200 Hz—500 Hz
500 Hz—3400 Hz
25
29
—
—
—
—
dB
dB
Total Harmonic Distortion (200 Hz—4 kHz)3:
Off-hook
On-hook
—
—
—
—
0.3
1
%
%
Transmit Gain (f = 1 kHz)4:
PT/PR Current to (VTX—VRTX)
–291
–300
–309
V/A
Receive Gain (f = 1 kHz):
(RCVP—RCVN) to (PT—PR)
1.94
2
2.06
—
Gain vs. Frequency (transmit and receive)3
(600
Ω termination; 1 kHz reference):
200 Hz—300 Hz
300 Hz—3.4 kHz
3.4 kHz—20 kHz
20 kHz—266 kHz
–0.3
–0.05
–3.0
—
0
0
0
—
0.05
0.05
0.05
2.0
dB
dB
dB
dB
Gain vs. Level (transmit and receive; 0 dBV reference)3:
–50 dB to +3 dB
–0.05
0
0.05
dB
Transhybrid Loss2:
200 Hz—500 Hz
500 Hz—3400 Hz
25
29
—
—
—
—
dB
dB
Idle-channel Noise (tip/ring; 600
Ω termination):
Psophometric
C-message
3 kHz Flat
—
—
—
—
—
—
–77
13
20
dBmp
dBrnC
dBrn
Idle-channel Noise ((VTX—VRTX); 600
Ω termination):
Psophometric
C-message
3 kHz Flat
—
—
—
—
—
—
–77
13
20
dBmp0
dBrnC0
dBrn0
EMC, per EN 300 386-2 and EN61000-4-6 (3 Vrms, 80% mod-
ulation, 105 kHz—80 MHz, 150
Ω source impedance)3
—
—
–40
dBm, 600
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com