| 전자부품 데이터시트 검색엔진 |
|
STM32F103RCT6 데이터시트(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103RCT6 데이터시트(HTML) 31 Page - STMicroelectronics |
|
31 / 130 page ![]() STM32F103xC, STM32F103xD, STM32F103xE Pinouts and pin descriptions Doc ID 14611 Rev 8 31/130 K1 H1 - - 20 31 VREF- SVREF- L1 J1 F7 (7) -21 32 VREF+ SVREF+ M1 K1 G8 13 22 33 VDDA SVDDA J2 G2 F6 14 23 34 PA0-WKUP I/O PA0 WKUP/USART2_CTS(8) ADC123_IN0 TIM2_CH1_ETR TIM5_CH1/TIM8_ETR K2 H2 E6 15 24 35 PA1 I/O PA1 USART2_RTS(8) ADC123_IN1/ TIM5_CH2/TIM2_CH2(8) L2 J2 H8 16 25 36 PA2 I/O PA2 USART2_TX(8)/TIM5_CH3 ADC123_IN2/ TIM2_CH3 (8) M2 K2 G7 17 26 37 PA3 I/O PA3 USART2_RX(8)/TIM5_CH4 ADC123_IN3/TIM2_CH4(8) G4 E4 F5 18 27 38 VSS_4 SVSS_4 F4 F4 G6 19 28 39 VDD_4 SVDD_4 J3 G3 H7 20 29 40 PA4 I/O PA4 SPI1_NSS(8)/ USART2_CK(8) DAC_OUT1/ADC12_IN4 K3 H3 E5 21 30 41 PA5 I/O PA5 SPI1_SCK(8) DAC_OUT2 ADC12_IN5 L3 J3 G5 22 31 42 PA6 I/O PA6 SPI1_MISO(8) TIM8_BKIN/ADC12_IN6 TIM3_CH1(8) TIM1_BKIN M3 K3 G4 23 32 43 PA7 I/O PA7 SPI1_MOSI(8)/ TIM8_CH1N/ADC12_IN7 TIM3_CH2(8) TIM1_CH1N J4 G4 H6 24 33 44 PC4 I/O PC4 ADC12_IN14 K4 H4 H5 25 34 45 PC5 I/O PC5 ADC12_IN15 L4 J4 H4 26 35 46 PB0 I/O PB0 ADC12_IN8/TIM3_CH3 TIM8_CH2N TIM1_CH2N M4 K4 F4 27 36 47 PB1 I/O PB1 ADC12_IN9/TIM3_CH4(8) TIM8_CH3N TIM1_CH3N J5 G5 H3 28 37 48 PB2 I/O FT PB2/BOOT1 M5 - - - - 49 PF11 I/O FT PF11 FSMC_NIOS16 L5 - - - - 50 PF12 I/O FT PF12 FSMC_A6 Table 5. High-density STM32F103xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |