| 전자부품 데이터시트 검색엔진 |
|
L6482H 데이터시트(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6482H 데이터시트(HTML) 52 Page - STMicroelectronics |
|
52 / 73 page ![]() Programming manual L6482 52/73 Doc ID 023768 Rev 2 The synchronization signal is obtained starting from the electrical position information (EL_POS register), according to Table 25: 9.1.17 ALARM_EN The ALARM_EN register allows the selection of which alarm signals are used to generate the FLAG output. If the respective bit of the ALARM_EN register is set high, the alarm condition forces the FLAG pin output down. Table 24. SYNC output frequency STEP_SEL (fFS is the full-step frequency) 000 001 010 011 100 101 110 111 000 fFS/2 fFS/2 fFS/2 fFS/2 fFS/2 fFS/2 fFS/2 fFS/2 001 NA fFS fFS fFS fFS fFS fFS fFS 010 NA NA 2· fFS 2· fFS 2· fFS 2· fFS 2· fFS 2· fFS 011 NA NA NA 4· fFS 4· fFS 4· fFS 4· fFS 4· fFS 100 NA NA NA NA 8· fFS 8· fFS 8· fFS 8· fFS 101 NA NA NA NA NA NA NA NA 110 NA NA NA NA NA NA NA NA 111 NA NA NA NA NA NA NA NA Table 25. SYNC signal source SYNC_SEL[2..0] Source 0 0 0 EL_POS[7] 0 0 1 EL_POS[6] 0 1 0 EL_POS[5] 0 1 1 EL_POS[4] 1 0 0 EL_POS[3] 1 0 1 UNUSED (1) 1. When this value is selected, the BUSY output is forced low. 1 1 0 UNUSED (1) 1 1 1 UNUSED (1) Table 26. ALARM_EN register ALARM_EN bit Alarm condition 0 (LSB) Overcurrent 1 Thermal shutdown |