전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NJW4128 데이터시트(PDF) 7 Page - New Japan Radio

부품명 NJW4128
상세설명  Switching Regulator IC for Buck Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NJRC [New Japan Radio]
홈페이지  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4128 데이터시트(HTML) 7 Page - New Japan Radio

Back Button NJW4128 Datasheet HTML 3Page - New Japan Radio NJW4128 Datasheet HTML 4Page - New Japan Radio NJW4128 Datasheet HTML 5Page - New Japan Radio NJW4128 Datasheet HTML 6Page - New Japan Radio NJW4128 Datasheet HTML 7Page - New Japan Radio NJW4128 Datasheet HTML 8Page - New Japan Radio NJW4128 Datasheet HTML 9Page - New Japan Radio NJW4128 Datasheet HTML 10Page - New Japan Radio NJW4128 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
NJW4128
- 7 -
Ver.2012-12-04
TYPICAL CHARACTERISTICS (A, B version)
Reference Voltage vs. Supply Voltage
(Ta=25°C)
0.79
0.795
0.8
0.805
0.81
0
1020
3040
Supply Voltage V
+ (V)
Output ON Resistance vs. Temperature
(ISW=3A)
0
0.05
0.1
0.15
0.2
0.25
0.3
-50
-25
0
25
50
75
100
125
150
Ambient Temperature Ta (°C)
V
+=12V
V
+=5V
V
+=40V
Switching Current Limit vs. Temperature
3
3.5
4
4.5
5
5.5
6
-50
-25
0
25
50
75
100 125 150
Ambient Temperature Ta (°C)
V
+=12V
V
+=40V
V
+=5V
Reference Voltage vs. Temperature
(V
+=12V)
0.790
0.795
0.800
0.805
0.810
-50
-25
0
25
50
75
100
125 150
Ambient Temperature Ta (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com