전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACT257SC 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 74ACT257SC
상세설명  Quad 2-Input Multiplexer with 3-STATE Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT257SC 데이터시트(HTML) 9 Page - Fairchild Semiconductor

  74ACT257SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT257SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT257SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT257SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT257SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT257SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT257SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT257SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT257SC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Package Number N16E
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com



Html Pages

1 2 3 4 5 6 7 8 9