| 전자부품 데이터시트 검색엔진 |
|
L1007C151MPWST 데이터시트(PDF) 17 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
L1007C151MPWST 데이터시트(HTML) 17 Page - Kemet Corporation |
|
17 / 32 page ![]() © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 17 Ordering Code Inductance (μH) Inductance Tolerance Q min. Minimum Self Resonant Frequency (MHz) Maximum DC Resistance ( Ω Ω) Maximum Rated Current (mA) Measuring Frequency (MHz) Thickness mm (inches) Tape & Reel Packaging Quantity L0402CR12(_)SMST 0.12 K±10%. M±20% 10 180 0.70 25 25 0.5 ±0.05 (0.02 ±0.002) 10,000 L0402CR15(_)SMST 0.15 K±10%. M±20% 10 165 0.90 25 25 0.5 ±0.05 (0.02 ±0.002) 10,000 L0402CR18(_)SMST 0.18 K±10%. M±20% 10 150 1.10 25 25 0.5 ±0.05 (0.02 ±0.002) 10,000 L0402CR22(_)SMST 0.22 K±10%. M±20% 10 135 1.30 25 25 0.5 ±0.05 (0.02 ±0.002) 10,000 L0402CR27(_)SMST 0.27 K±10%. M±20% 10 120 1.50 25 25 0.5 ±0.05 (0.02 ±0.002) 10,000 L0402CR33(_)SMST 0.33 K±10%. M±20% 10 105 1.70 25 25 0.5 ±0.05 (0.02 ±0.002) 10,000 L0402CR39(_)SMST 0.39 K±10%. M±20% 20 85 0.60 10 10 0.5 ±0.05 (0.02 ±0.002) 10,000 L0402CR47(_)SMST 0.47 K±10%. M±20% 20 80 0.70 10 10 0.5 ±0.05 (0.02 ±0.002) 10,000 L0402CR56(_)SMST 0.56 K±10%. M±20% 20 75 0.80 10 10 0.5 ±0.05 (0.02 ±0.002) 10,000 L0402CR68(_)SMST 0.68 K±10%. M±20% 20 70 0.90 10 10 0.5 ±0.05 (0.02 ±0.002) 10,000 L0402CR82(_)SMST 0.82 K±10%. M±20% 20 65 1.00 10 10 0.5 ±0.05 (0.02 ±0.002) 10,000 L0402C1R0(_)SMST 1.0 K±10%. M±20% 20 60 1.10 10 10 0.5 ±0.05 (0.02 ±0.002) 10,000 L0402C1R2(_)SMST 1.2 K±10%. M±20% 20 55 1.25 10 10 0.5 ±0.05 (0.02 ±0.002) 10,000 L0402C1R5(_)SMST 1.5 K±10%. M±20% 20 50 1.40 10 10 0.5 ±0.05 (0.02 ±0.002) 10,000 L0402C1R8(_)SMST 1.8 K±10%. M±20% 20 45 1.55 10 10 0.5 ±0.05 (0.02 ±0.002) 10,000 L0402C2R2(_)SMST 2 2 K±10%. M±20% 20 40 1.70 10 10 0.5 ±0.05 (0.02 ±0.002) 10,000 0402 Case Size Multilayer Chip Inductors (L-SMS Series) (_) - Insert Inductance Tolerance Code (K or M) Multilayer Chip Inductors - L-SMS, L-PMS, L-DMI Series |