| 전자부품 데이터시트 검색엔진 |
|
ST1802FX 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST1802FX 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() Rev 1 October 2005 1/10 10 ST1802FX HIGH VOLTAGE FAST - SWITCHING NPN POWER TRANSISTOR Features ■ NEW SERIES, ENHANCED PERFORMANCE ■ FULLY INSULATED POWER PACKAGE (U.L. COMPLIANT) FOR EASY MOUNTING ■ HIGH VOLTAGE CAPABILITY (>1500V) ■ HIGH SWITCHING SPEED ■ TIGTHER hFE CONTROL ■ IMPROVED RUGGEDNESS ■ IN COMPLIANCE WITH THE 2002/93/EC EUROPEAN DIRECTIVE Applications ■ HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV UP TO 29-INCHES Description The ST1802FX is manufactured using new Diffused Collector Technology for more stable operation Vs base drive circuit variations resulting in very low worst case dissipation. Order codes Internal Schematic Diagram ISOWATT218FX Part Number Marking Package Packing ST1802FX 1802FX ISOWATT218FX TUBE www.st.com |
유사한 부품 번호 - ST1802FX |
|
유사한 설명 - ST1802FX |