| 전자부품 데이터시트 검색엔진 |
|
HCC4013BK 데이터시트(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4013BK 데이터시트(HTML) 16 Page - STMicroelectronics |
|
16 / 24 page ![]() 5 Order codes Table 10. Ordering information Order code ESCC detailed specification Quality level Comment Package Lead finish Marking Mass (g) EPPL Packing HCC4001BK 9201/041/01 or 02 ESCC flight Specify ESCC variant number in PO Flat-14 Gold or solder dip 920104101 or 02 0.70 Y Strip pack HCC4001BD 9201/041/03 or 04 DIL-14 920104103 or 04 2.20 - HCC4002BK 9201/042/01 or 02 Flat-14 920104201 or 02 0.70 - HCC4002BD 9201/042/03 or 04 DIL-14 920104203 or 04 2.20 - HCC4008BK 9202/039/01 or 02 Flat-16 920203901 or 02 0.70 - HCC4008BD 9202/039/08 or 09 DIL-16 920203908 or 09 2.20 - HCC4011BK 9201/043/01 or 02 Flat-14 920104301 or 02 0.70 Y HCC4011BD 9201/043/03 or 04 DIL-14 920104303 or 04 2.20 - HCC4012BK 9201/044/01 or 02 Flat-14 920104401 or 02 0.70 - HCC4012BD 9201/044/03 or 04 DIL-14 920104403 or 04 2.20 - HCC4013BK 9203/023/01 or 02 Flat-14 920302301 or 02 0.70 Y HCC4013BD 9203/023/03 or 04 DIL-14 920302303 or 04 2.20 - HCC4014BK 9306/014/01 or 02 Flat-16 930601401 or 02 0.70 Y HCC4014BD 9306/014/08 or 09 DIL-16 930601408 or 09 2.20 - HCC4015BK 9306/015/01 or 02 Flat-16 930601501 or 02 0.70 Y HCC4015BD 9306/015/08 or 09 DIL-16 930601508 or 09 2.20 - HCC4016BK 9202/050/01 or 02 Flat-14 920205001 or 02 0.70 - HCC4016BD 9202/050/03 or 04 DIL-14 920205003 or 04 2.20 - HCC4017BK 9204/020/01 or 02 Flat-16 920402001 or 02 0.70 Y HCC4017BD 9204/020/08 or 09 DIL-16 920402008 or 09 2.20 - HCC4018BK 9204/021/01 or 02 Flat-16 920402101 or 02 0.70 - HCC4018BD 9204/021/08 or 09 DIL-16 920402108 or 09 2.20 - |