| 전자부품 데이터시트 검색엔진 |
|
HCC4028BK 데이터시트(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4028BK 데이터시트(HTML) 19 Page - STMicroelectronics |
|
19 / 24 page ![]() HCC4060BK 9204/052/01 or 02 ESCC flight Specify ESCC variant number in PO Flat-16 Gold or solder dip 920405201 or 02 0.70 - Strip pack HCC4060BD 9204/052/08 or 09 DIL-16 920405208 or 09 2.20 - HCC4063BK 9209/001/01 or 02 Flat-16 920900101 or 02 0.70 Y HCC4063BD 9209/001/08 or 09 DIL-16 920900108 or 09 2.20 - HCC4066BK 9408/005/01 or 02 Flat-14 940800501 or 02 0.70 Y HCC4066BD 9408/005/03 or 04 DIL-14 940800503 or 04 2.20 - HCC4067BK 9408/009/01 or 02 Flat-24 940800901 or 02 1.70 - HCC4067BD 9408/009/03 or 04 DIL-24 940800903 or 04 5.20 - HCC4068BK 9201/061/01 or 02 Flat-14 920106101 or 02 0.70 - HCC4068BD 9201/061/03 or 04 DIL-14 920106103 or 04 2.20 - HCC4069UBK 9401/010/01 or 02 Flat-14 940101001 or 02 0.70 Y HCC4069UBD 9401/010/03 or 04 DIL-14 940101003 or 04 2.20 - HCC4070BK 9201/048/01 or 02 Flat-14 920104801 or 02 0.70 - HCC4070BD 9201/048/03 or 04 DIL-14 920104803 or 04 2.20 - HCC4071BK 9201/063/01 or 02 Flat-14 920106301 or 02 0.70 Y HCC4071BD 9201/063/03 or 04 DIL-14 920106303 or 04 2.20 - HCC4072BK 9201/082/01 or 02 Flat-14 920108201 or 02 0.70 - HCC4072BD 9201/082/03 or 04 DIL-14 920108203 or 04 2.20 - HCC4073BK 9201/064/01 or 02 Flat-14 920106401 or 02 0.70 Y HCC4073BD 9201/064/03 or 04 DIL-14 920106403 or 04 2.20 - HCC4075BK 9201/065/01 or 02 Flat-14 920106501 or 02 0.70 - HCC4075BD 9201/065/03 or 04 DIL-14 920106503 or 04 2.20 - HCC4076BK 9306/022/01 or 02 Flat-16 930602201 or 02 0.70 Y HCC4076BD 9306/022/08 or 09 DIL-16 930602208 or 09 2.20 - HCC4077BK 9201/055/01 or 02 Flat-14 920105501 or 02 0.70 - Table 10. Ordering information (continued) Order code ESCC detailed specification Quality level Comment Package Lead finish Marking Mass (g) EPPL Packing |