| 전자부품 데이터시트 검색엔진 |
|
HCC4047BK 데이터시트(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4047BK 데이터시트(HTML) 20 Page - STMicroelectronics |
|
20 / 24 page ![]() HCC4077BD 9201/055/03 or 04 ESCC flight Specify ESCC variant number in PO DIL-14 Gold or solder dip 920105503 or 04 2.20 - Strip pack HCC4078BK 9201/062/01 or 02 Flat-14 920106201 or 02 0.70 - HCC4078BD 9201/062/03 or 04 DIL-14 920106203 or 04 2.20 - HCC4081BK 9201/052/01 or 02 Flat-14 920105201 or 02 0.70 Y HCC4081BD 9201/052/03 or 04 DIL-14 920105203 or 04 2.20 - HCC4082BK 9201/066/01 or 02 Flat-14 920106601 or 02 0.70 - HCC4082BD 9201/066/03 or 04 DIL-14 920106603 or 04 2.20 - HCC4093BK 9409/002/01 or 02 Flat-14 940900201 or 02 0.70 Y HCC4093BD 9409/002/03 or 04 DIL-14 940900203 or 04 2.20 - HCC4094BK 9306/026/01 or 02 Flat-16 930602601 or 02 0.70 Y HCC4094BD 9306/026/08 or 09 DIL-16 930602608 or 09 2.20 - HCC4098BK 9206/003/01 or 02 Flat-16 920600301 or 02 0.70 Y HCC4098BD 9206/003/08 or 09 DIL-16 920600308 or 09 2.20 - HCC4099BK 9202/058/01 or 02 Flat-16 920205801 or 02 0.70 Y HCC4099BD 9202/058/08 or 09 DIL-16 920205808 or 09 2.20 - HCC40103BK 9204/036/01 or 02 Flat-16 920403601 or 02 0.70 Y HCC40103BD 9204/036/08 or 09 DIL-16 920403608 or 09 2.20 - HCC40106BK 9409/005/01 or 02 Flat-14 940900501 or 02 0.70 Y HCC40106BD 9409/005/03 or 04 DIL-14 940900503 or 04 2.20 - HCC40107BK 9401/013/01 or 02 Flat-14 940101301 or 02 0.70 Y HCC40107BD 9401/013/03 or 04 DIL-14 940101303 or 04 2.20 - HCC40109BK 9407/003/01 or 02 Flat-16 940700301 or 02 0.70 Y HCC40109BD 9407/003/08 or 09 DIL-16 940700308 or 09 2.20 - Table 10. Ordering information (continued) Order code ESCC detailed specification Quality level Comment Package Lead finish Marking Mass (g) EPPL Packing |