| 전자부품 데이터시트 검색엔진 |
|
HCC4050BD 데이터시트(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4050BD 데이터시트(HTML) 10 Page - STMicroelectronics |
|
10 / 24 page ![]() Package mechanical data HCC4xxx 10/24 Doc ID 17102 Rev 3 Figure 2. Ceramic Flat-14 mechanical drawings Note: The upper metallic lid is not electrically connected to any pins, nor to the IC die inside the package. Connecting unused pins or metal lid to ground or to the power supply will not affect the electrical characteristics. Table 4. Ceramic Flat-14 mechanical data Dim mm Min Typ Max A 6.75 6.91 7.06 B 9.76 9.95 10.14 C 1.49 1.95 D 0.10 0.127 0.15 E 7.50 7.62 7.75 F 1.27 G 0.38 0.43 0.48 H 6.0 L 18.75 en 22.0 M 0.38 N 4.31 016029E 1 7 8 14 F G D H A B M N H C L E |