| 전자부품 데이터시트 검색엔진 |
|
M54HC4072 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC4072 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 29 page ![]() M54HC245 Rad-hard octal bus transceiver 3- state 50 krad (Si) ESCC Y 9405/013 Flat-20 - DIL-20 2.0 6.0 0 to Vcc -55 °C to 125 °C M54HCT245 Rad-hard octal bus transceiver 3- state Y 9405/014 Flat-20 - DIL-20 4.5 5.5 TTL compatible M54HC251 Rad-hard 8-channel multiplexer 3- state - 9408/048 Flat-16 - DIL-16 2.0 6.0 M54HC253 Rad-hard dual 4-channel multiplexer 3-state - 9408/058 Flat-16 - DIL-16 2.0 6.0 M54HC257 Rad-hard quad 2-channel multiplexer 3-state Y 9408/047 Flat-16 2.0 6.0 M54HC259 Rad-hard 8-bit adressable latch - 9203/073 Flat-16 - DIL-16 2.0 6.0 M54HC273 Rad-hard octal d-type flip-flop with clear Y 9203/053 Flat-20 - DIL-20 2.0 6.0 M54HC283 Rad-hard 4-bit binary full adder Y 9202/075 Flat-16 - DIL-16 2.0 6.0 M54HC365 Rad-hard Hex bus buffer 3-state - 9401/052 Flat-16 - DIL-16 2.0 6.0 M54HC367 Rad-hard Hex bus buffer 3-state - 9401/044 Flat-16 - DIL-16 2.0 6.0 Independe nt enables M54HC373 Rad-hard octal D-Type latch 3-state Y 9203/059 Flat-20 - DIL-20 2.0 6.0 M54HCT373 Rad-hard octal D-Type latch 3-state Y 9203/064 Flat-20 - DIL-20 4.5 5.5 TTL compatible M54HC374 Rad-hard octal D-Type Flip-Flop 3- state Y 9203/060 Flat-20 - DIL-20 2.0 6.0 M54HCT374 Rad-hard octal D-Type Flip-Flop 3- state Y 9203/066 Flat-20 - DIL-20 4.5 5.5 TTL compatible Table 1. Device summary (continued) Part number Description Radiation level Agency qualification EPPL ESCC specification Package Vcc Vin range Other features Temp. range Min Max |