| 전자부품 데이터시트 검색엔진 |
|
M54HC4040K 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC4040K 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 29 page ![]() August 2011 Doc ID 17367 Rev 2 1/29 29 M54HCxxx M54HCTxxx Rad-hard high speed 2 to 6 V CMOS logic series Features ■ 2 to 6 V operating voltage ■ Low power DC dissipation: 1 µA max at 25°C ■ High speed tPD = 8 ns typ at 25°C ■ Symmetrical outputs characteristics ■ High noise immunity: 28% of min VCC ■ Hermetic packages ■ Rad-hard 50 krad (Si) ■ SEL immune up to 110 MeV/mg/cm² ■ ESCC qualified ■ Same die and electrical specification for engineering and flight models ■ The complete specification of each type is available from the ESCC web site: https://escies.org using its ESCC part number. ST guarantees full compliance of qualified parts with these ESCC specifications Description The M54HCxxx and M54HCTxxx series are composed of over 90 types of high speed CMOS functions specifically designed to meet the radiation requirements of the aerospace industry. It includes a large set of gates, Flip-Flops, Multiplexers, Counters, Bus interface and several other functions. The radiation hardness, the single event latch-up (SEL) immunity and the housing in hermetic packages of all types of both series make them ideally suited for use in the most difficult environmental conditions. Flat-14 Flat-16 Flat-20 DIL-14 DIL-16 DIL-20 Flat-24 DIL-24 The upper metallic lid is not electrically connected to any pins, nor to the IC die inside the package. www.st.com |
유사한 부품 번호 - M54HC4040K |
|
유사한 설명 - M54HC4040K |