| 전자부품 데이터시트 검색엔진 |
|
REE10 데이터시트(PDF) 1 Page - ebm-papst |
|
|
|||||||||||||||||||||||||||||
REE10 데이터시트(HTML) 1 Page - ebm-papst |
|
1 / 4 page ![]() 4 Dimensions Order code Curve VAC Hz m3/h min-1 W A dB(A) o C kg W4E250-DI02-08 M4E068-BF 1 230 50 1010 1400 47 0.21 37 45 3.4 B 44 W4E315-DP18-38 M4E068-DF 2 230 50 2440 1410 120 0.56 42 55 5.5 B 44 W4E350-DP06-39 M6E068-EC 3 230 50 3250 1365 180 0.78 47 60 6.8 F 44 W4E400-DS02-38 M4E074-GA 4 230 50 5000 1400 300 1.35 52 60 7.3 F 44 W4E450-DT05-15 M4E094-HA 5 230 50 6640 1400 470 2.2 51 70 9.6 F 54 W4E500-DZ09-20 M4E094-HA 6 230 50 8322 1347 953 4.8 55 60 13.5 F 54 W6E630-DE01-20 M6E110-GF 7 230 50 11220 870 560 2.5 52 60 20.5 F 54 Subject to alterations - - - - - - Pressed steel blades with galvanised steel wallplate Maintenance free, sealed-for-life bearings Thermal protection (TK) lead-out Corrosion resistant black coating IP54 terminal box 100% speed controllable motors Inlet guard AC plate-mounted axials size range Ø250-630mm - 8000 0 2000 10000 20 40 60 80 4000 6000 [m h] 3 Volume flow 100 12000 5 4 3 1 2 6 7 |
유사한 부품 번호 - REE10 |
|
유사한 설명 - REE10 |