전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TOP221Y 데이터시트(PDF) 2 Page - Power Integrations, Inc.

부품명 TOP221Y
상세설명  Three-terminal Off-line PWM Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWERINT [Power Integrations, Inc.]
홈페이지  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP221Y 데이터시트(HTML) 2 Page - Power Integrations, Inc.

  TOP221Y Datasheet HTML 1Page - Power Integrations, Inc. TOP221Y Datasheet HTML 2Page - Power Integrations, Inc. TOP221Y Datasheet HTML 3Page - Power Integrations, Inc. TOP221Y Datasheet HTML 4Page - Power Integrations, Inc. TOP221Y Datasheet HTML 5Page - Power Integrations, Inc. TOP221Y Datasheet HTML 6Page - Power Integrations, Inc. TOP221Y Datasheet HTML 7Page - Power Integrations, Inc. TOP221Y Datasheet HTML 8Page - Power Integrations, Inc. TOP221Y Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TOP221-227
D
7/01
2
Figure 2. Functional Block Diagram.
Pin Functional Description
DRAIN Pin:
Output MOSFET drain connection. Provides internal bias
current during start-up operation via an internal switched high-
voltage current source. Internal current sense point.
CONTROL Pin:
Error amplifier and feedback current input pin for duty cycle
control. Internal shunt regulator connection to provide internal
bias current during normal operation. It is also used as the
connection point for the supply bypass and auto-restart/
compensation capacitor.
SOURCE Pin:
Y package – Output MOSFET source connection for high
voltage power return. Primary side circuit
common and reference point.
P and G package – Primary side control circuit common and
reference point.
SOURCE (HV RTN) Pin: (P and G package only)
Output MOSFET source connection for high voltage power return.
PI-1935-091696
SHUTDOWN/
AUTO-RESTART
PWM
COMPARATOR
CLOCK
SAW
OSCILLATOR
CONTROLLED
TURN-ON
GATE
DRIVER
INTERNAL
SUPPLY
5.7 V
4.7 V
SOURCE
S
R
Q
Q
DMAX
-
+
CONTROL
-
+
5.7 V
IFB
RE
ZC
VC
MINIMUM
ON-TIME
DELAY
+
-
VI
LIMIT
LEADING
EDGE
BLANKING
POWER-UP
RESET
S
R
Q
Q
÷ 8
0
1
THERMAL
SHUTDOWN
SHUNT REGULATOR/
ERROR AMPLIFIER
+
-
DRAIN
PI-2084-040401
CONTROL
DRAIN
SOURCE
Y Package (TO-220/3)
Tab Internally
Connected to SOURCE Pin
CONTROL
8
5
7
6
DRAIN
SOURCE (HV RTN)
SOURCE
SOURCE
1
4
2
3
SOURCE (HV RTN)
SOURCE (HV RTN)
SOURCE
P Package (DIP-8)
G Package (SMD-8)
Figure 3. Pin Configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com