| 전자부품 데이터시트 검색엔진 |
|
WLSD 데이터시트(PDF) 36 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
WLSD 데이터시트(HTML) 36 Page - Omron Electronics LLC |
|
36 / 42 page ![]() WL WL 36 Ratings General-purpose Ratings (Lamp-equipped) Type Rated lt Non-inductive load Indcutive load yp voltage Resistive load Lamp load Inductive load Motor load NC NO NC NO NC NO NC NO For DC 12 VDC 1A 1A 1A 1A 1A 1A 1A 1A 24 VDC 1A 1A 1A 1A 1A 1A 1A 1A 48 VDC 1A 1A 1A 1A 1A 1A 1A 1A 115 VDC 0.8 A 0.8 A 0.2 A 0.2 A 0.8 A 0.8 A 0.2 A 0.2 A For AC 115 VAC 1A 1A 1A 1A 1A 1A 1A 1A Note: 1. The above figures are for standard currents. 2. Inductive loads have a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC). 3. Lamp load has an inrush current of 10 times the steady-state current. 4. Motor load has an inrush current of 6 times the steady-state current. Dimensions Roller Lever Models Standard Model (WLCA2), High-precision Model (WLGCA2), Overtravel Model (WLH2), and Overtravel High-sensitivity Model (WLG2) Note: 1. For the WLG2 model, only the dimensions for the set position marker plate change. 2. Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions. 3. The above diagram is for a lamp-equipped model. Direct-wired Connector Models Note: Stainless sintered roller Pre-wired Connector Models 17.5 dia. x 7 (see note) Four,, M3.5 M5 x 12 Allen- head bolt 42 max. 60 max. 60 max. 17.5 dia. x 7 (see note) Four, M3.5 SC-1M XS2H-D421 42 max. Four, 5.2 +0.2 0 dia. holes Three, M4 x 13 JIS B0202 G1/2 Effective thread: 4 threads min. Four, 5.2 +0.2 0 dia. holes Three, M4 x 13 M5 x 12 Allen- head bolt Four, M6 Depth: 15 min. Four, M6 Depth: 15 min. Operating characteristics Roller lever/Standard model Roller lever/High precision model Roller lever/Overtravel model Roller lever/Overtravel high sensitivity model Operating force: OF max. 13.34 N 13.34 N 9.81 N 9.81 N Release force: RF min. 2.23 N 1.47 N 0.98 N 0.98 N Pretravel: PT 15±5° +2° --0° 5° 15±5° +2° --1° 10° Overtravel: OT min. 30° 40° 55° 65° Movement differential: MD max. 12° 3° 12° 7° |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |