| 전자부품 데이터시트 검색엔진 |
|
I630-31BC9O2-155.520 데이터시트(PDF) 3 Page - ILSI America LLC |
|
|
|||||||||||||||||||||||||||||
I630-31BC9O2-155.520 데이터시트(HTML) 3 Page - ILSI America LLC |
|
3 / 3 page ![]() 5 mm x 7 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS I630 - Series ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com 10/17/12_E Specifications subject to change without notice Page 3 Tape and Reel Information: Environmental Specifications Thermal Shock MIL-STD-883, Method 1011, Condition A Moisture Resistance MIL-STD-883, Method 1004 Mechanical Shock MIL-STD-883, Method 2002, Condition B Mechanical Vibration MIL-STD-883, Method 2007, Condition A Resistance to Soldering Heat J-STD-020C, Table 5-2 Pb-free devices (except 2 cycles max) Hazardous Substance Pb-Free / RoHS / Green Compliant Solderability JESD22-B102-D Method 2 (Preconditioning E) Terminal Strength MIL-STD-883, Method 2004, Test Condition D Gross Leak MIL-STD-883, Method 1014, Condition C Fine Leak MIL-STD-883, Method 1014, Condition A2, R1=2x10-8 atm cc/s Solvent Resistance MIL-STD-202, Method 215 Marking Line 1: ILSI and Date Code (YWW) Line 2: Frequency Quantity per Reel 1000 A 16 +/-.3 B 8 +/-.2 C 7.5 +/-.2 D 17.5 +/-1 E 50 / 60 / 80 F 180 / 250 |