전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBRF5200 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 MBRF5200
상세설명  5.0AMPS Isolated Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF5200 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF5200 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF5200 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF5200 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
MBRF5100 ITO-220AC 50 / TUBE
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IRRM
A
dV/dt
V/us
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
Metal silicon rectifier, majority carrier conduction
Packing code
C0
High surge capability
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
High temperature soldering guaranteed:
260℃/10 seconds/.25", (6.35mm) from case
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Case: ITO-220AC molded plastic body
MBRF5100 - MBRF5200
5.0AMPS Isolated Schottky Barrier Rectifiers
ITO-220AC
Features
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
Polarity: As marked
Mounting position:Any
Mounting torque: 5 in. - lbs, max
Weight: 1.61 grams
Parameter
MBRF
5100
MBRF
5150
MBRF
5200
Maximum Repetitive Peak Reverse Voltage
100
150
200
Maximum RMS Voltage
70
105
140
Maximum DC Blocking Voltage
100
150
200
Maximum Average Forward Rectified Current
5
Peak Repetitive Surge Current
(Rated VR, Square Wave, 20KHz)
IFRM
10
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC Method)
IFSM
120
A
Peak Repetitive Reverse Surge Current (Note 1)
0.5
Maximum Instantaneous Forward Voltage (Note 2)
IF=5A, TA=25℃
IF=5A, TA=125℃
VF
V
0.90
1.02
0.80
0.92
Operating Temperature Range
- 65 to + 150
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125 ℃
IR
0.1
mA
5
Voltage Rate of Change,(Rated VR)
10000
Storage Temperature Range
- 65 to + 175
Note 1: 2.0uS Pulse Width, f=1.0KHz
Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
Version:D12
C0G
Typical Junction capacitance
310
Typical Thermal Resistance
3
Ordering Information(example)
Part No.
Package
Packing
Packing code
(Green)


유사한 부품 번호 - MBRF5200

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
MBRF5200 TSC-MBRF5200 Datasheet
572Kb / 2P
Isolation 5.0 AMPS. Schottky Barrier Rectifiers
MBRF5200 TSC-MBRF5200 Datasheet
570Kb / 2P
Isolation 5.0 AMPS. Schottky Barrier Rectifiers
logo
SAMYANG ELECTRONICS CO....
MBRF5200 SAMYANG-MBRF5200 Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - MBRF5200

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
SK52C TSC-SK52C_11 Datasheet
136Kb / 2P
5.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SK52C LUGUANG-SK52C Datasheet
204Kb / 2P
5.0AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
SR560L CHONGQING-SR560L Datasheet
177Kb / 1P
5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS52L CHONGQING-SS52L Datasheet
177Kb / 1P
5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
PS545L CHONGQING-PS545L Datasheet
196Kb / 1P
5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
S52BF CHONGQING-S52BF Datasheet
217Kb / 2P
5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
S520BF CHONGQING-S520BF Datasheet
217Kb / 2P
5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SBR545LBF CHONGQING-SBR545LBF Datasheet
178Kb / 1P
5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR520 CHONGQING-SR520 Datasheet
179Kb / 1P
5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS52 CHONGQING-SS52 Datasheet
179Kb / 1P
5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com