| 전자부품 데이터시트 검색엔진 |
|
STM32F051C8 데이터시트(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F051C8 데이터시트(HTML) 23 Page - STMicroelectronics |
|
23 / 104 page ![]() STM32F051x Functional overview Doc ID 022265 Rev 3 23/105 3.16 Inter-integrated circuit interfaces (I2C) Up to two I2C interfaces (I2C1 and I2C2) can operate in multimaster or slave modes. Both can support Standard mode (up to 100 kbit/s) or Fast mode (up to 400 kbit/s) and I2C1 supports also Fast Mode Plus (up to 1 Mbit/s) with 20 mA output drive. Both support 7-bit and 10-bit addressing modes, multiple 7-bit slave addresses (2 addresses, 1 with configurable mask). They also include programmable analog and digital noise filters. In addition, I2C1 provides hardware support for SMBUS 2.0 and PMBUS 1.1: ARP capability, Host notify protocol, hardware CRC (PEC) generation/verification, timeouts verifications and ALERT protocol management. I2C1 also has a clock domain independent from the CPU clock, allowing the I2C1 to wake up the MCU from Stop mode on address match. The I2C interfaces can be served by the DMA controller. Refer to Table 9 for the differences between I2C1 and I2C2. Table 8. Comparison of I2C analog and digital filters Analog filter Digital filter Pulse width of suppressed spikes ≥ 50 ns Programmable length from 1 to 15 I2C peripheral clocks Benefits Available in Stop mode 1. Extra filtering capability vs. standard requirements. 2. Stable length Drawbacks Variations depending on temperature, voltage, process Disabled when Wakeup from Stop mode is enabled Table 9. STM32F051x I2C implementation I2C features(1) 1. X = supported. I2C1 I2C2 7-bit addressing mode XX 10-bit addressing mode XX Standard mode (up to 100 kbit/s) XX Fast mode (up to 400 kbit/s) XX Fast Mode Plus with 20mA output drive I/Os (up to 1 Mbit/s) X Independent clock X SMBus X Wakeup from STOP X |