| 전자부품 데이터시트 검색엔진 |
|
STM32F407IE 데이터시트(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IE 데이터시트(HTML) 55 Page - STMicroelectronics |
|
55 / 167 page ![]() STM32F405xx, STM32F407xx Pinouts and pin description Doc ID 022152 Rev 2 55/167 5. If the device is delivered in an UFBGA176 and the BYPASS_REG pin is set to VDD (Regulator off/internal reset ON mode), then PA0 is used as an internal Reset (active low). |