| 전자부품 데이터시트 검색엔진 |
|
STM32F103XF 데이터시트(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103XF 데이터시트(HTML) 31 Page - STMicroelectronics |
|
31 / 120 page ![]() STM32F103xF, STM32F103xG Pinouts and pin descriptions Doc ID 16554 Rev 3 31/120 M6 - - 54 PF14 I/O FT PF14 FSMC_A8 L6 - - 55 PF15 I/O FT PF15 FSMC_A9 K6 - - 56 PG0 I/O FT PG0 FSMC_A10 J6 - - 57 PG1 I/O FT PG1 FSMC_A11 M7 - 38 58 PE7 I/O FT PE7 FSMC_D4 TIM1_ETR L7 - 39 59 PE8 I/O FT PE8 FSMC_D5 TIM1_CH1N K7 - 40 60 PE9 I/O FT PE9 FSMC_D6 TIM1_CH1 H6 - - 61 VSS_7 SVSS_7 G6 - - 62 VDD_7 SVDD_7 J7 - 41 63 PE10 I/O FT PE10 FSMC_D7 TIM1_CH2N H8 - 42 64 PE11 I/O FT PE11 FSMC_D8 TIM1_CH2 J8 - 43 65 PE12 I/O FT PE12 FSMC_D9 TIM1_CH3N K8 - 44 66 PE13 I/O FT PE13 FSMC_D10 TIM1_CH3 L8 - 45 67 PE14 I/O FT PE14 FSMC_D11 TIM1_CH4 M8 - 46 68 PE15 I/O FT PE15 FSMC_D12 TIM1_BKIN M9 29 47 69 PB10 I/O FT PB10 I2C2_SCL / USART3_TX(7) TIM2_CH3 M10 30 48 70 PB11 I/O FT PB11 I2C2_SDA / USART3_RX(7) TIM2_CH4 H7 31 49 71 VSS_1 SVSS_1 G7 32 50 72 VDD_1 SVDD_1 M11 33 51 73 PB12 I/O FT PB12 SPI2_NSS / I2S2_WS / I2C2_SMBA / USART3_CK(7) / TIM1_BKIN(7) M12 34 52 74 PB13 I/O FT PB13 SPI2_SCK / I2S2_CK / USART3_CTS(7) / TIM1_CH1N L11 35 53 75 PB14 I/O FT PB14 SPI2_MISO / TIM1_CH2N / USART3_RTS(7)/ TIM12_CH1 L12 36 54 76 PB15 I/O FT PB15 SPI2_MOSI / I2S2_SD / TIM1_CH3N(7) / TIM12_CH2 L9 - 55 77 PD8 I/O FT PD8 FSMC_D13 USART3_TX K9 - 56 78 PD9 I/O FT PD9 FSMC_D14 USART3_RX J9 - 57 79 PD10 I/O FT PD10 FSMC_D15 USART3_CK H9 - 58 80 PD11 I/O FT PD11 FSMC_A16 USART3_CTS L10 - 59 81 PD12 I/O FT PD12 FSMC_A17 TIM4_CH1 / USART3_RTS Table 5. STM32F103xF and STM32F103xG pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |