전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC-8 데이터시트(PDF) 4 Page - Cooper Bussmann, Inc.

부품명 TPC-8
상세설명  Telpower Compact Fused Disconnect Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COOPER [Cooper Bussmann, Inc.]
홈페이지  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TPC-8 데이터시트(HTML) 4 Page - Cooper Bussmann, Inc.

  TPC-8 Datasheet HTML 1Page - Cooper Bussmann, Inc. TPC-8 Datasheet HTML 2Page - Cooper Bussmann, Inc. TPC-8 Datasheet HTML 3Page - Cooper Bussmann, Inc. TPC-8 Datasheet HTML 4Page - Cooper Bussmann, Inc. TPC-8 Datasheet HTML 5Page - Cooper Bussmann, Inc. TPC-8 Datasheet HTML 6Page - Cooper Bussmann, Inc. TPC-8 Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Bussmann
®
Telpower® Compact Fused Disconnect Switch
TPC & TPCDS
Telpower® DC Power Protection Systems
Form No. TPC & TPCDS
Page 4 of 7
Data Sheet: 5023
Look for Telpower® BLUE™ fuses exclusively from Cooper Bussmann.
3-26-03
SB03069
TPCDS-D Terminal Styles
DIN Rail Fused Disconnect Switch
Alarm Schematic
NOTES:
1. The Electronic Monitoring Circuit (EMC) is a high input
impedance device that will provide alarming for an
open-fuse condition.
2. Typical leakage current through the load when the EMC
is operational
≤ 2 mA.
3. The resistance, R, must be provided by the end-user to
limit the alarm output current to a maximum of 20 mA.
The value, R, should be calculated using the system
voltage value.
If remote alarm functionality is not required, the
END-USER CIRCUITRY must still be supplied to
provide a resistive path to the return for the local
alarm to properly function.
4. The fuse is polarized to maintain proper orientation with
the switch housing. The line and load terminals are
identified on the switch housing.
5.
Electrical integrity of the load must be maintained after
fuse has opened in order for the local and remote alarm
to properly function.
Line: Screw Clamp
Load: Screw Clamp
Line: Stud*
Load: Screw
Clamp
Line: Bullet*
Load: Screw
Clamp
*Note: TPCDS-D Bullet / Screw Clamp and Stud / Screw Clamp terminal styles are not intended for 35 mm
DIN-RAIL mounting and will require auxiliary mechanical securement (not provided) for mounting.



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com