전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F640J3C115 데이터시트(PDF) 24 Page - Intel Corporation

부품명 JS28F640J3C115
상세설명  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640J3C115 데이터시트(HTML) 24 Page - Intel Corporation

Back Button JS28F640J3C115 Datasheet HTML 20Page - Intel Corporation JS28F640J3C115 Datasheet HTML 21Page - Intel Corporation JS28F640J3C115 Datasheet HTML 22Page - Intel Corporation JS28F640J3C115 Datasheet HTML 23Page - Intel Corporation JS28F640J3C115 Datasheet HTML 24Page - Intel Corporation JS28F640J3C115 Datasheet HTML 25Page - Intel Corporation JS28F640J3C115 Datasheet HTML 26Page - Intel Corporation JS28F640J3C115 Datasheet HTML 27Page - Intel Corporation JS28F640J3C115 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
24
Datasheet
0606_16
NOTES:
1. CEX low is defined as the last edge of CE0, CE1, or CE2 that enables the device. CEX high is defined at the
first edge of CE0, CE1, or CE2 that disables the device (see Table 13).
2. When reading the flash array a faster tGLQV (R16) applies. For non-array reads, R4 applies (i.e.: Status
Register reads, query reads, or device identifier reads).
NOTE: CEX low is defined as the last edge of CE0, CE1, or CE2 that enables the device. CEX high is defined at
the first edge of CE0, CE1, or CE2 that disables the device (see Table 13).
Figure 10. 4-Word Page Mode Read Waveform
00
01
10
11
1
2
3
4
R10
R15
R10
R5
R9
R8
R7
R6
R4
R3
R1
R2
R1
A[MAX:3] [A]
A[2:1] [A]
CEx [E]
OE# [G]
WE# [W]
D[15:0] [Q]
RP# [P]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72