전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F107RC 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 STM32F107RC
상세설명  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107RC 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button STM32F107RC Datasheet HTML 22Page - STMicroelectronics STM32F107RC Datasheet HTML 23Page - STMicroelectronics STM32F107RC Datasheet HTML 24Page - STMicroelectronics STM32F107RC Datasheet HTML 25Page - STMicroelectronics STM32F107RC Datasheet HTML 26Page - STMicroelectronics STM32F107RC Datasheet HTML 27Page - STMicroelectronics STM32F107RC Datasheet HTML 28Page - STMicroelectronics STM32F107RC Datasheet HTML 29Page - STMicroelectronics STM32F107RC Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 103 page
background image
Pinouts and pin description
STM32F105xx, STM32F107xx
26/104
Doc ID 15274 Rev 6
Table 5.
Pin definitions
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap
A3
-
1
PE2
I/O FT
PE2
TRACECK
B3
-
2
PE3
I/O FT
PE3
TRACED0
C3
-
3
PE4
I/O FT
PE4
TRACED1
D3
-
4
PE5
I/O FT
PE5
TRACED2
E3
-
5
PE6
I/O FT
PE6
TRACED3
B2
1
6
VBAT
SVBAT
A2
2
7
PC13-TAMPER-
RTC(5)
I/O
PC13(6)
TAMPER-RTC
A1
3
8
PC14-
OSC32_IN(5)
I/O
PC14(6)
OSC32_IN
B1
4
9
PC15-
OSC32_OUT(5)
I/O
PC15(6)
OSC32_OUT
C2
-
10
VSS_5
SVSS_5
D2
-
11
VDD_5
SVDD_5
C1
5
12
OSC_IN
I
OSC_IN
D1
6
13
OSC_OUT
O
OSC_OUT
E1
7
14
NRST
I/O
NRST
F1
8
15
PC0
I/O
PC0
ADC12_IN10
F2
9
16
PC1
I/O
PC1
ADC12_IN11/ ETH_MII_MDC/
ETH_RMII_MDC
E2
10
17
PC2
I/O
PC2
ADC12_IN12/ ETH_MII_TXD2
F3
11
18
PC3
I/O
PC3
ADC12_IN13/
ETH_MII_TX_CLK
G1 12
19
VSSA
SVSSA
H1
-
20
VREF-
SVREF-
J1
-
21
VREF+
SVREF+
K1
13
22
VDDA
SVDDA
G2 14
23
PA0-WKUP
I/O
PA0
WKUP/USART2_CTS(7)
ADC12_IN0/TIM2_CH1_ETR
TIM5_CH1/
ETH_MII_CRS_WKUP
H2 15
24
PA1
I/O
PA1
USART2_RTS(7)/ ADC12_IN1/
TIM5_CH2 /TIM2_CH2(7)/
ETH_MII_RX_CLK/
ETH_RMII_REF_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More