| 전자부품 데이터시트 검색엔진 |
|
EPC2 데이터시트(PDF) 22 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPC2 데이터시트(HTML) 22 Page - Altera Corporation |
|
22 / 26 page ![]() Page 22 Pin Information Configuration Devices for SRAM-Based LUT Devices January 2012 Altera Corporation nCS 49 10 Input Chip select input (active low). The nCS pin connects to the CONF _DONE pin of the FPGA. A low input allows DCLK to increment the address counter and enables DATA to drive out. If the EPC1 or EPC2 device is reset (OE pulled low) while nCS is low, the device initializes as the master device in a configuration chain. If the EPC1 or EPC2 device is reset (OE pulled low) while nCS is high, the device initializes as a slave device in the chain. The nCS pin has an internal programmable 1-k resistor in EPC2 devices. If internal pull-up resistors are used, do not use external pull-up resistors on these pins. You can disable the internal pull-up resistors through the Disable nCS and OE pull-ups on configuration device option. nCASC 612 15 Output Cascade select output (active low). This output goes low when the address counter has reached its maximum value. When the address counter has reached its maximum value, the configuration device has sent all its configuration data to the FPGA. In a chain of EPC1 or EPC2 devices, the nCASC pin of one device is connected to the nCS pin of the next device, which permits DCLK to clock data from the next EPC1 or EPC2 device in the chain. For single EPC1 or EPC2 device and the last device in the chain, nCASC is left floating. This pin is only available in EPC1 and EPC2 devices, which support data cascading. nINIT _CONF N/A 13 16 Open-Drain Output Allows the INIT_CONF JTAG instruction to initiate configuration. The nINIT_CONF pin connects to the nCONFIG pin of the FPGA. If multiple EPC2 devices are used to configure an FPGA, the nINIT_CONF of the first EPC2 device pin is tied to the FPGA’s nCONFIG pin, while subsequent devices' nINIT _CONF pins are left floating. The INIT_CONF pin has an internal 1-k pull-up resistor that is always active in EPC2 devices. This pin is only available in EPC2 devices. TDI N/A 11 13 Input JTAG data input pin. Connect this pin to VCC if the JTAG circuitry is not used. This pin is only available in EPC2 devices. TDO N/A 1 28 Output JTAG data output pin. Do not connect this pin if the JTAG circuitry is not used. This pin is only available in EPC2 devices. TMS N/A 19 25 Input JTAG mode select pin. Connect this pin to VCC if the JTAG circuitry is not used. This pin is only available in EPC2 devices. Table 20. EPC1, EPC2, and EPC1441 Device Pin Functions During Configuration (Part 2 of 3) Pin Name Pin Number Pin Type Description 8-Pin PDIP (1) 20-Pin PLCC 32-Pin TQFP (2) |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |