전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC2106ASG66 데이터시트(PDF) 1 Page - Motorola, Inc

부품명 MPC2106ASG66
상세설명  512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2106ASG66 데이터시트(HTML) 1 Page - Motorola, Inc

  MPC2106ASG66 Datasheet HTML 1Page - Motorola, Inc MPC2106ASG66 Datasheet HTML 2Page - Motorola, Inc MPC2106ASG66 Datasheet HTML 3Page - Motorola, Inc MPC2106ASG66 Datasheet HTML 4Page - Motorola, Inc MPC2106ASG66 Datasheet HTML 5Page - Motorola, Inc MPC2106ASG66 Datasheet HTML 6Page - Motorola, Inc MPC2106ASG66 Datasheet HTML 7Page - Motorola, Inc MPC2106ASG66 Datasheet HTML 8Page - Motorola, Inc MPC2106ASG66 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MPC2105A
•MPC2106A•MPC2105B•MPC2106B
1
MOTOROLA FAST SRAM
512KB and 1MB BurstRAM
™
Secondary Cache Modules for
PowerPC
™ PReP/CHRP Platforms
The MPC2105A/B and the MPC2106A/B are designed to provide burstable, high
performance L2 cache for the PowerPC 60x microprocessor family in conformance
with the PowerPC Reference Platform (PReP) and the PowerPC Common Hardware
Reference Platform (CHRP) specifications.
The MPC2105A/B and MPC2106A/B utilize synchronous BurstRAMs. The
modules are configured as 64K x 72, and 128K x 72 bits in a 178 (89 x 2) pin DIMM
format. The MPC2105A/B uses four of the 3 V 64K x 18; the MPC2106A/B uses eight
of the 3 V 64K x 18. For tag bits, a 5 V cache tag RAM configured as 16K x 12 for tag
field plus 16K x 2 for valid and dirty status bits is used.
Bursts can be initiated with the ADS signal. Subsequent burst addresses are
generated internal to the BurstRAM by the CNTEN signal.
Write cycles are internally self timed and are initiated by the rising edge of the clock
(CLKx) inputs. Eight write enables are provided for byte write control.
Presence detect pins are available for auto configuration of the cache control.
The module family pinout will support 5 V and 3.3 V components for a clear path
to lower voltage and power savings. Both power supplies must be connected.
All of these cache modules are plug and pin compatible with each other.
• PowerPC–style Burst Counter on Chip
• Flow–Through Data I/O
• Plug and Pin Compatibility
• Multiple Clock Pins for Reduced Loading
• 20 Ω Series Resistors on DL and DH Pins for Noise
Reduction (MPC2105A/6A)
• All Cache Data and Tag I/Os are LVTTL (3.3 V) Compatible
• Three State Outputs
• Byte Write Capability
• Fast Module Clock Rates: Up to 66 MHz
• Fast SRAM Access Times: 10 ns for Tag RAM Match
9 ns for Data RAM
• Decoupling Capacitors for Each Fast Static RAM
• High Quality Multi–Layer FR4 PWB With Separate Power and Ground Planes
• 178 Pin Card Edge Module
• Burndy Connector, Part Number: ELF178KSC–3Z50
BurstRAM is a trademark of Motorola.
The PowerPC name is a trademark of IBM Corp., used under license therefrom.
Order this document
by MPC2105A/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPC2105A
MPC2106A
MPC2105B
MPC2106B
178–LEAD CARD EDGE
TOP VIEW
MPC2105A/B CASE 1132A–01
MPC2106A/B CASE 1132–01
80
25
24
1
48
47
REV 1
12/19/96
© Motorola, Inc. 1996


유사한 부품 번호 - MPC2106ASG66

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MPC2106CDG66 MOTOROLA-MPC2106CDG66 Datasheet
229Kb / 18P
512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2106SG66 MOTOROLA-MPC2106SG66 Datasheet
228Kb / 24P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results

유사한 설명 - MPC2106ASG66

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105C MOTOROLA-MPC2105C Datasheet
229Kb / 18P
512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com