전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP16CPC05MTR 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STP16CPC05MTR
상세설명  Low voltage 16-bit constant current LED sink driver with balanced output rise/fall time
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPC05MTR 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STP16CPC05MTR Datasheet HTML 6Page - STMicroelectronics STP16CPC05MTR Datasheet HTML 7Page - STMicroelectronics STP16CPC05MTR Datasheet HTML 8Page - STMicroelectronics STP16CPC05MTR Datasheet HTML 9Page - STMicroelectronics STP16CPC05MTR Datasheet HTML 10Page - STMicroelectronics STP16CPC05MTR Datasheet HTML 11Page - STMicroelectronics STP16CPC05MTR Datasheet HTML 12Page - STMicroelectronics STP16CPC05MTR Datasheet HTML 13Page - STMicroelectronics STP16CPC05MTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Timing diagrams
STP16CPC05
10/27
Doc ID 15352 Rev 3
5
Timing diagrams
Note:
OUTn = ON when Dn = H OUTn = OFF when Dn = L
Figure 8.
Timing diagram
Note:
The latches circuit holds data when the LE terminal is Low.
1
When LE terminal is at high level, latch circuit does not hold the data it passes from the input
to the output.
2
When OE terminal is at low level, output terminals OUT0 to OUT15 respond to the data,
either ON or OFF.
3
When OE terminal is at high level, it switches off all the data on the output terminal.
Table 9.
Truth table
CLOCK
LE
OE
Serial-IN OUT0 ............. OUT7 ................ OUT15
SDO
H
L
Dn
Dn ..... Dn - 7 ..... Dn -15
Dn - 15
L
L
Dn + 1
No change
Dn - 14
H
L
Dn + 2
Dn + 2 ..... Dn - 5 ..... Dn -13
Dn - 13
X
L
Dn + 3
Dn + 2 ..... Dn - 5 ..... Dn -13
Dn - 13
X
H
Dn + 3
OFF
Dn - 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27