전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT200A 데이터시트(PDF) 2 Page - Advanced Crystal Technology

부품명 ACT200A
상세설명  miniature SMD Watch Crystal with excellent low power consumption
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACT [Advanced Crystal Technology]
홈페이지  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT200A 데이터시트(HTML) 2 Page - Advanced Crystal Technology

  ACT200A_13 Datasheet HTML 1Page - Advanced Crystal Technology ACT200A_13 Datasheet HTML 2Page - Advanced Crystal Technology ACT200A_13 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACT200A
Tape and Reel specification
Standard reel quantity 3000 pieces per reel
Issue 3 E2
Date 31-05-2012
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
ISO9001:2000 Registered
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
SOLDERING of SMD WATCH CRYSTALS
Reflow oven should be set up to emulate or better the maximum reflow profile shown in the diagram below. Note it is just as
important to conform to the times given as well as the temperatures.
AØ
BØ
W
A
B
C
D
330
80 OR 100
17.5
8
9.25
16
2.7
REEL
TAPE
DIMENSIONS (mm)



Html Pages

1 2 3