전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT_HC49_US_STANDARD 데이터시트(PDF) 2 Page - Advanced Crystal Technology

부품명 ACT_HC49_US_STANDARD
상세설명  family of competitively priced, resistance welded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACT [Advanced Crystal Technology]
홈페이지  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT_HC49_US_STANDARD 데이터시트(HTML) 2 Page - Advanced Crystal Technology

  ACT_HC49_US_STANDARD Datasheet HTML 1Page - Advanced Crystal Technology ACT_HC49_US_STANDARD Datasheet HTML 2Page - Advanced Crystal Technology ACT_HC49_US_STANDARD Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email : info@actcrystals.com
PACKAGE / PACKAGING OPTIONS AVAILABLE
With insulating washer.
Cropped leads.
Three leads
Ammo packaging *
Taped & taped & reeled.*
* Not recommended for new builds
TAPE / TAPE & REELING SPECIFICATION FOR HC49/US
Tape and Reel option (not supplied as standard)
Issue :9 SCB
Date: 20-03-2013
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature Range, Load Capacitance
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice



Html Pages

1 2 3