전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPC2 데이터시트(PDF) 7 Page - Altera Corporation

부품명 EPC2
상세설명  Configuration Devices for SRAM-Based LUT Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALTERA [Altera Corporation]
홈페이지  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC2 데이터시트(HTML) 7 Page - Altera Corporation

Back Button EPC2 Datasheet HTML 3Page - Altera Corporation EPC2 Datasheet HTML 4Page - Altera Corporation EPC2 Datasheet HTML 5Page - Altera Corporation EPC2 Datasheet HTML 6Page - Altera Corporation EPC2 Datasheet HTML 7Page - Altera Corporation EPC2 Datasheet HTML 8Page - Altera Corporation EPC2 Datasheet HTML 9Page - Altera Corporation EPC2 Datasheet HTML 10Page - Altera Corporation EPC2 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Device Configuration
Page 7
Configuration Devices for SRAM-Based LUT Devices
January 2012
Altera Corporation
The EPC2 device’s OE and nCS pins have internal programmable pull-up resistors. If
you use internal pull-up resistors, do not use external pull-up resistors on these pins.
The internal pull-up resistors are set by default in the Quartus II software. To turn off
the internal pull-up resistors, check the Disable nCS and OE pull-ups on
configuration device
option when you generate programming files.
The configuration device’s OE and nCS pins control the tri-state buffer on its DATA
output pin and enable the address counter and oscillator. When the OE pin is driven
low, the configuration device resets the address counter and tri-states its DATA pin. The
nCS
pin controls the DATA output of the configuration device. If the nCS pin is held high
after the OE reset pulse, the counter is disabled and the DATA output pin is tri-stated. If
the nCS pin is driven low after the OE reset pulse, the counter and DATA output pin are
enabled. When OE is driven low again, the address counter is reset and the DATA
output pin is tri-stated, regardless of the state of the nCS pin.
If the FPGA’s configuration data exceeds the capacity of a single EPC1 or EPC2
configuration device, you can cascade multiple EPC1 or EPC2 devices together. If
multiple EPC1 or EPC2 devices are required, the nCASC and nCS pins provide
handshaking between the configuration devices.
1 EPC1441 and EPC1064/EPC1064V devices cannot be cascaded.
When configuring ACEX 1K, APEX 20K, APEX II, Arria GX, Cyclone, Cyclone II,
FLEX 10K, Mercury, Stratix, Stratix GX, Stratix II, and Stratix II GX devices with
cascaded EPC1 or EPC2 devices, the position of the EPC1 or EPC2 device in the chain
determines its mode of operation. The first configuration device in the chain is the
master, while subsequent configuration devices are slaves. The nINIT_CONF pin of the
EPC2 master device can be connected to the nCONFIG pin of the FPGAs, which allows
the INIT_CONF JTAG instruction to begin FPGA configuration. The nCS pin of the
master configuration device is connected to the CONF_DONE pin of the FPGAs, while its
nCASC
pin is connected to the nCS pin of the next slave configuration device in the
chain. Additional EPC1 or EPC2 devices can be chained together by connecting the
nCASC
pin to the nCS pin of the next EPC1 or EPC2 slave device in the chain. The last
device’s nCS input comes from the previous device, while its nCASC pin is left floating.
All other configuration pins, DCLK, DATA, and OE, are connected to every device in the
chain.
f For more information about configuration interface connections, including pull-up
resistor values, supply voltages, and MSEL pin setting, refer to the configuration
chapter in the appropriate device handbook.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com