전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC949 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 MPC949
상세설명  LOW VOLTAGE 1:15 PECL TO CMOS CLOCK DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC949 데이터시트(HTML) 2 Page - Motorola, Inc

  MPC949 Datasheet HTML 1Page - Motorola, Inc MPC949 Datasheet HTML 2Page - Motorola, Inc MPC949 Datasheet HTML 3Page - Motorola, Inc MPC949 Datasheet HTML 4Page - Motorola, Inc MPC949 Datasheet HTML 5Page - Motorola, Inc MPC949 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPC949
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
2
Figure 1. Logic Diagram
Figure 2. 52–Lead Pinout (Top View)
NC
VCCb
Qb2
GNDb
Qb1
VCCb
Qb0
GNDb
GNDa
Qa1
VCCa
Qa0
GNDa
NC
VCCd
Qd4
GNDd
Qd3
VCCd
Qd2
GNDd
Qd1
VCCd
Qd0
GNDd
NC
40
41
42
43
44
45
46
47
48
49
50
51
52
25
24
23
22
21
20
19
18
17
16
15
14
1
234567
89
10 11 12 13
39 38 37 36 35 34 33 32 31 30 29 28 27
26
MPC949
TCLK1 (LVTTL)
Qa0:1
TCLK0 (LVTTL)
TCLK_Sel
2
R
÷2
÷1
Dsela
Qc0:3
4
Dselc
Qd0:5
6
Dseld
MR/OE
Qb0:2
3
Dselb
PCLK
PCLK
PCLK_Sel
0
1
0
1
0
1
0
1
0
1
0
1
FUNCTION TABLE
Input
0
1
TCLK_Sel
PCLK_Sel
Dseln
MR/OE
TCLK0
TCLKn
÷1
Enabled
TCLK1
PCLK
÷2
Hi–Z
PIN DESCRIPTION
Pin Name
Function
TCLK_Sel
(Int Pulldown)
Select pin to choose TCKL0 or TCLK1
TCLK0:1
(Int Pullup)
LVCMOS/LVTTL clock inputs
PCLK
(Int Pulldown)
True PECL clock input
PCLK
(Int Pullup)
Compliment PECL clock input
Dseln
(Int Pulldown)
1x or 1/2x input divide select pins
MR/OE
(Int Pulldown)
Internal reset and output tristate control pin
PCLK_Sel
(Int Pulldown)
Select Pin to choose TCLK or PCLK



Html Pages

1 2 3 4 5 6