| 전자부품 데이터시트 검색엔진 |
|
MS-101005 데이터시트(PDF) 26 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
MS-101005 데이터시트(HTML) 26 Page - Amphenol Corporation |
|
26 / 40 page ![]() 24 Right Angle Plug 97B-3108 97B-4108 Note - Both versions, straight and diamond knurling available on coupling ring. For details, contact factory. L V MS And 97B Series All dimensions are in mm Connector Size 22.8 29.2 32.0 32.0 36.5 39.9 43.1 46.6 53.4 60.1 66.3 69.10 10SL 14S 16S 16 18 20 22 24 28 32 36 Q max 5/8-24 NEF 3/4-20 UNEF 7/8-20 UNEF 7/8-20 UNEF 1-20 UNEF 1 1/8-18 NS 1 1/4-18 NEF 1 3/8-18 NEF 1 5/8-18 NEF 1 29/32-18 NS 2 1/16-20 UNS 2 5/16-16 UN V Thread in inches 40 L max K max 45 47 48 57 58 61 61 66 66 72 75 78 30 30 30 35 35 35 35 40 40 45 50 55 Shell Types Jam nut receptacle 97B - 3107R 97B-4107R S H D G W NUT S All dimensions are in mm 18.2 2.5 35.0 31.5 37.9 41.0 41.0 44.8 49.0 52.2 55.0 62.0 68.0 75.0 13.5 13.5 13.5 13.5 15.0 15.0 15.0 15.0 15.0 15.0 15.0 3.2 3.2 3.2 3.2 4.0 4.0 4.0 4.0 4.0 4.0 4.0 29.2 29.2 29.2 37.7 40.0 40.0 40.0 40.0 40.0 40.0 40.0 12.5 12.5 12.5 21.0 21.0 21.0 21.0 21.0 21.0 21.0 21.0 5.0 6.0 6.0 6.0 7.0 7.0 7.0 7.0 7.0 7.0 8.0 31.8 38.1 41.2 41.2 45.0 49.2 52.4 55.2 62.2 68.2 75.2 24.6 2.5 41.3 27.4 2.5 44.4 27.4 2.5 44.4 30.8 3.0 48.2 34.1 3.0 52.4 37.3 3.0 55.5 40.8 3.0 59.0 46.7 3.0 66.0 53.3 3.0 72.0 59.6 3.0 80.0 A Ref. D Ref. G Ref. H Ref. J Ref. K Ref. L Ref. M Ref. W Ref. S 0.3 Shell Size 10SL 14S 16S 16 18 20 22 24 28 32 36 +- B THREAD 236 MAX. PANEL THICKNESS O-RING K L A J M K Q max AMPHENOL |