| 전자부품 데이터시트 검색엔진 |
|
LR2003A 데이터시트(PDF) 5 Page - Leshan Radio Company |
|
|
|||||||||||||||||||||||||||||
LR2003A 데이터시트(HTML) 5 Page - Leshan Radio Company |
|
5 / 8 page ![]() 0.5 1.0 2.0 1.5 COLLECTOR-EMITTER SATURATION VOLTAGE 0 600 400 200 0 ALLOWABLE COLLECTOR CURRENT AS A FUNCTION OF DUTY CYCLE (Dual In-line-Packaged Devices, Suffix ‘A’) 200 400 600 INPUT CURRENT IN µA 0 600 400 200 0 M AX . R EQ 'D IN PU T C UR RE NT COLLECTOR CURRENT AS A FUNCTION OF INPUT CURRENT SATURATION VOLTAGE AS A FUNCTION OF COLLECTOR CURRENT 20 40 100 80 DUTY CYCLE IN PER CENT 0 600 400 200 0 60 7 2 3 4 5 6 NUMBER OF OUTPUTS CONDUCTING SIMULTANEOUSLY 1 TA = +70 °C RθJA = 60 °C/W 20 40 100 80 DUTY CYCLE IN PER CENT 0 600 400 200 0 60 NUMBER OF OUTPUTS CONDUCTING SIMULTANEOUSLY TA = +70 °C RθJA = 90 °C/W 7 6 5 4 3 2 (Small-Outline-Packaged Devices, Suffix ‘L’) LESHAN RADIO COMPANY, LTD. INPUT CURRENT AS A FUNCTION OF INPUT VOLTAGE 3.0 5.0 6.0 INPUT VOLTAGE 2.0 2.5 2.0 1.0 0 M AX IM UM 0.5 1.5 4.0 AREA OF NORMAL OPERATION WITH STANDARD OR SCHOTTKY TTL TY PIC AL Ver 1.5 Aug 2009 5/8 |