전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZPSD301-B-15L 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 ZPSD301-B-15L
상세설명  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-15L 데이터시트(HTML) 2 Page - STMicroelectronics

  ZPSD301-B-15L Datasheet HTML 1Page - STMicroelectronics ZPSD301-B-15L Datasheet HTML 2Page - STMicroelectronics ZPSD301-B-15L Datasheet HTML 3Page - STMicroelectronics ZPSD301-B-15L Datasheet HTML 4Page - STMicroelectronics ZPSD301-B-15L Datasheet HTML 5Page - STMicroelectronics ZPSD301-B-15L Datasheet HTML 6Page - STMicroelectronics ZPSD301-B-15L Datasheet HTML 7Page - STMicroelectronics ZPSD301-B-15L Datasheet HTML 8Page - STMicroelectronics ZPSD301-B-15L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
i
PSD3XX Family
PSD3XX
ZPSD3XX
ZPSD3XXV
PSD3XXR
ZPSD3XXR
ZPSD3XXRV
Low Cost Microcontroller Peripherals
Table of Contents
1
Introduction ...........................................................................................................................................................1
2
Notation ................................................................................................................................................................2
3
Key Features ........................................................................................................................................................4
4
PSD3XX Family Feature Summary ......................................................................................................................5
5
Partial Listing of Microcontrollers Supported ........................................................................................................6
6
Applications ..........................................................................................................................................................6
7
ZPSD Background ................................................................................................................................................6
7.1
Integrated Power ManagementTM Operation .............................................................................................7
8
Operating Modes (MCU Configurations) ............................................................................................................10
9
Programmable Address Decoder (PAD).............................................................................................................12
10
I/O Port Functions ...............................................................................................................................................15
10.1
CSIOPORT Registers..............................................................................................................................15
10.2
Port A (PA0-PA7).....................................................................................................................................16
10.2.1 Port A (PA0-PA7) in Multiplexed Address/Data Mode................................................................16
10.2.2 Port A (PA0-PA7) in Non-Multiplexed Address/Data Mode ........................................................17
10.3
Port B (PB0-PB7).....................................................................................................................................18
10.3.1 Port B (PA0-PA7) in Multiplexed Address/Data Mode................................................................18
10.3.2 Port B (PA0-PA7) in Non-Multiplexed Address/Data Mode ........................................................19
10.4
Port C (PC0-PC2) ....................................................................................................................................20
10.5
ALE/AS Input Pin .....................................................................................................................................20
11
PSD Memory ......................................................................................................................................................21
11.1
EPROM....................................................................................................................................................21
11.2
SRAM (Optional)......................................................................................................................................21
11.3
Page Register (Optional) .........................................................................................................................21
11.4
Programming and Erasure.......................................................................................................................21
12
Control Signals ...................................................................................................................................................22
12.1
ALE or AS ................................................................................................................................................22
12.2
WR or R/W...............................................................................................................................................22
12.3
RD/E/DS (DS option not available on 3X1 devices) ................................................................................22
12.4
PSEN or PSEN ........................................................................................................................................22
12.5
A19/CSI ...................................................................................................................................................23
12.6
Reset Input ..............................................................................................................................................24
13
Program/Data Space and the 8031 ....................................................................................................................26
14
Systems Applications..........................................................................................................................................27
15
Security Mode .....................................................................................................................................................30
16
Power Management............................................................................................................................................30
16.1
CSI Input..................................................................................................................................................30
16.2
CMiser Bit ................................................................................................................................................30
16.3
Turbo Bit (ZPSD Only).............................................................................................................................31
16.4
Number of Product Terms in the PAD Logic............................................................................................31
16.5
Composite Frequency of the Input Signals to the PAD Logic..................................................................32
16.6
Loading on I/O Pins .................................................................................................................................33
17
Calculating Power ...............................................................................................................................................34
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85