전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM3837P 데이터시트(PDF) 3 Page - Analog Power

부품명 AM3837P
상세설명  P-Channel 30-V (D-S) MOSFET With Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3837P 데이터시트(HTML) 3 Page - Analog Power

  AM3837P Datasheet HTML 1Page - Analog Power AM3837P Datasheet HTML 2Page - Analog Power AM3837P Datasheet HTML 3Page - Analog Power AM3837P Datasheet HTML 4Page - Analog Power AM3837P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
AM3837P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM3837_B
Typical Electrical Characteristics
Output Characteristics
Transfer Characteristics
On-Resistance vs. Junction Temperature
Gate Charge
Capacitance
On-Resistance vs. Drain Current
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
VDS - Drain-to-Soruce Voltage (V)
-2.5V
-2.0V
-1.8V
VGS =- 4.5V
0
1
2
3
4
5
0.51
1.5
2
2.53
VGS - Gate-to-Source Voltage (V)
TA = -55
oC
125oC
25oC
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
01
234
56
ID - Drain Current (A)
-4.5V
-2.5V
0
100
200
300
400
500
600
05
10
15
20
VDS - Drain-to- Source Voltage (V)
CISS
CRSS
COSS
-10
-8
-6
-4
-2
0
036
9
12
15
Qg, Charge (nC)
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (
oC)
VGS = -4.5V



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com