전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6599DTR 데이터시트(PDF) 32 Page - STMicroelectronics

부품명 L6599DTR
상세설명  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599DTR 데이터시트(HTML) 32 Page - STMicroelectronics

Back Button L6599DTR Datasheet HTML 28Page - STMicroelectronics L6599DTR Datasheet HTML 29Page - STMicroelectronics L6599DTR Datasheet HTML 30Page - STMicroelectronics L6599DTR Datasheet HTML 31Page - STMicroelectronics L6599DTR Datasheet HTML 32Page - STMicroelectronics L6599DTR Datasheet HTML 33Page - STMicroelectronics L6599DTR Datasheet HTML 34Page - STMicroelectronics L6599DTR Datasheet HTML 35Page - STMicroelectronics L6599DTR Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Application information
L6599
32/36
Table 6.
EVAL6599-90W demo board, 90W adapter with L6563 & L6599: evaluation
data
Vin = 115 Vac
Vin = 230 Vac
Vout
Iout
Pout
Pin
Eff.
Vout
Iout
Pout
Pin
Eff.
[V]
[A]
[W]
[W]
%
[V]
[A]
[W]
[W]
%
18.95
4.71
89.25
99.13
90.04
18.95
4.71
89.25
97.23
91.80
18.95
3.72
70.49
78.00
90.38
18.96
3.72
70.53
76.74
91.91
18.97
2.7
51.22
56.55
90.57
18.97
2.7
51.22
55.85
91.71
18.98
1.71
32.46
36.00
90.16
18.98
1.71
32.46
35.57
91.24
18.99
1.0
18.99
21.70
87.51
18.99
1.0
18.99
21.30
89.15
18.99
0.5
9.50
11.30
84.03
19.00
0.5
9.50
10.87
87.40
19.00
0.25
4.75
5.86
81.06
19.00
0.25
4.75
5.77
82.32
19.01
0.080
1.52
3
50.70
19.01
0.080
1.52
2.4
63.37
19.01
0.053
1.01
2
50.38
19.01
0.053
1.01
1.68
59.97
19.01
0.027
0.51
1.08
47.53
19.01
0.027
0.51
1
51.33
19.01
0.013
0.25
0.66
37.44
19.01
0.013
0.25
0.67
36.89
19.01
0
0
0.28
---
19.01
0
0
0.34
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com