전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B5155 데이터시트(PDF) 3 Page - EPCOS

부품명 B5155
상세설명  SAW Components
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B5155 데이터시트(HTML) 3 Page - EPCOS

  B5155 Datasheet HTML 1Page - EPCOS B5155 Datasheet HTML 2Page - EPCOS B5155 Datasheet HTML 3Page - EPCOS B5155 Datasheet HTML 4Page - EPCOS B5155 Datasheet HTML 5Page - EPCOS B5155 Datasheet HTML 6Page - EPCOS B5155 Datasheet HTML 7Page - EPCOS B5155 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
July 26, 2011
B5155
1960.00 MHz
SAW Components
SAW filter
Data sheet
Please read cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =
50
Terminating load impedance:
ZL =
50
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
1960.00
MHz
Minimun insertion attenuation
α
min
1.3
dB
Maximum insertion attenuation
α
max
1930
...
1990 MHz
2.3
3.5
dB
Amplitude ripple (p-p)
∆α
1930
...
1990 MHz
1.0
2.5
dB
Return loss
Input
1930
...
1990 MHz
8
10
dB
Output
1930
...
1990 MHz
8
10
dB
Relative attenuation(relative to
α
min)
α
rel
728 ...
768 MHz
18
27
dB
869 ...
894 MHz
19
26
dB
2110
...
2170 MHz
26
32
dB
2496
...
2690 MHz
28
34
dB
3400
...
3800 MHz
27
30
dB



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com