전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B5242 데이터시트(PDF) 3 Page - EPCOS

부품명 B5242
상세설명  SAW IF filter W-CDMA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B5242 데이터시트(HTML) 3 Page - EPCOS

  B5242 Datasheet HTML 1Page - EPCOS B5242 Datasheet HTML 2Page - EPCOS B5242 Datasheet HTML 3Page - EPCOS B5242 Datasheet HTML 4Page - EPCOS B5242 Datasheet HTML 5Page - EPCOS B5242 Datasheet HTML 6Page - EPCOS B5242 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
May 20, 2011
B5242
215.0 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω unbalanced and matching network
Terminating load impedance:
ZL =50 Ω unbalanced and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
215.0
MHz
Minimum insertion attenuation
α
min
7.7
9.0
dB
(including matching network)
Passband width
α
rel ≤ 1.0 dB
B1.0dB
20.0
24.4
MHz
Amplitude ripple (p-p)
∆α
fN ± 10.0 MHz
0.2
0.9
dB
Group delay ripple (p-p)
∆τ
fN ± 10.0 MHz
22
50
ns
Absolute group delay (mean)
τ
fN ± 10.0 MHz
0.67
µs
Phase ripple (p-p)
∆ϕ
fN ± 10.0 MHz
2.5
8
°
Relative attenuation (relative to
α
min)
α
rel
fN − 90.0 MHz ... fN − 45.0 MHz
50
67
dB
fN − 45.0 MHz ... fN − 24.0 MHz
45
52
dB
fN − 24.0 MHz ... fN − 12.5 MHz
401)
1) specification range is
fN − 24.0 MHz ... fN − 20.0 MHz
52
dB
fN − 12.5 MHz ... fN − 11.25MHz
not specified2)
2) overlapping of passband and specified frequency range
due to temperature shift
dB
fN + 11.25MHz ... fN + 12.5 MHz
not specified2)
dB
fN + 12.5 MHz ... fN + 24.0 MHz
353)
3) specification range is
fN + 20.0 MHz ... fN + 24.0MHz
49
dB
fN + 24.0 MHz ... fN + 45.0 MHz
40
56
dB
fN + 45.0 MHz ... fN + 90.0 MHz
50
55
dB
Return loss
input
fN ± 10.0 MHz
12
17
dB
output fN ± 10.0 MHz
12
17
dB
Temperature coefficient of frequency
TCf
–87
ppm/K



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com