| 전자부품 데이터시트 검색엔진 |
|
B1069 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
B1069 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers |
|
9 / 24 page ![]() 8 3 Melt the solder. • Apply the nozzle to the soldered part and melt the solder. CAUTION Never allow the nozzle to touch the board itself. • Confirm that the solder is melted. CAUTION To confirm that all solder is melted, observe the inside of the hole and the backside of the P.W.B. If this is difficult to do, try slowly moving the lead with the nozzle – If the lead moves, the solder is melted. CAUTION Never move the lead by force. If it doesnʼt move easily, the solder isnʼt yet fully melted. 4 Absorb the solder. • After confirming that the solder is completely melted, absorb the solder by squeezing the trigger on the gun. CAUTION Never leave any solder remaining inside the hole in the P.W.B. • After fully absorbing all the solder, cool the soldering junction in order to prevent it from becoming resoldered. 5 Problems during desoldering. • If solder remains, resolder the component and repeat the desol- dering process. Nozzle P.W.B. Solder Lead Slowly move the lead with the nozzle. Absorb the solder by slowly moving the lead back and forth with the tip of the nozzle. |