전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PB137ACV 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 PB137ACV
상세설명  Positive voltage regulator for battery charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PB137ACV 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button PB137ACV Datasheet HTML 6Page - STMicroelectronics PB137ACV Datasheet HTML 7Page - STMicroelectronics PB137ACV Datasheet HTML 8Page - STMicroelectronics PB137ACV Datasheet HTML 9Page - STMicroelectronics PB137ACV Datasheet HTML 10Page - STMicroelectronics PB137ACV Datasheet HTML 11Page - STMicroelectronics PB137ACV Datasheet HTML 12Page - STMicroelectronics PB137ACV Datasheet HTML 13Page - STMicroelectronics PB137ACV Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package mechanical data
PB137
12/14
Doc ID 6278 Rev 5
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
C1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L93.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
TO-220 mechanical data
P011C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14