전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E53-R4R4 데이터시트(PDF) 6 Page - Omron Electronics LLC

부품명 E53-R4R4
상세설명  Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R4R4 데이터시트(HTML) 6 Page - Omron Electronics LLC

Back Button E53-R4R4 Datasheet HTML 2Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 3Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 4Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 5Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 6Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 7Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 8Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 9Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Ramp/Soak Process Controller
E5CK--T
A--185
Installation
J Main Parts
Terminals
Output Board
Housing
Front panel
Option Board
Input type
connector
J Removing Internal
Mechanism
While pressing the hooks on the left and right sides of the front
panel, carefully pull the internal mechanism from the housing.
(Refer to the drawing below.)
J Setting Up the Output Board
1.
Two rectangular holes are provided on the power board (right
side of Controller). Fit the two protrusions of the output board
into these two holes.
2.
With the output board fitted into the power board, fit the out-
put board into the connector on the control board (left side of
Controller).
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14