전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8400D 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FAN8400D
상세설명  3-Phase BLDC Motor Driver with PLL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8400D 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN8400D Datasheet HTML 6Page - Fairchild Semiconductor FAN8400D Datasheet HTML 7Page - Fairchild Semiconductor FAN8400D Datasheet HTML 8Page - Fairchild Semiconductor FAN8400D Datasheet HTML 9Page - Fairchild Semiconductor FAN8400D Datasheet HTML 10Page - Fairchild Semiconductor FAN8400D Datasheet HTML 11Page - Fairchild Semiconductor FAN8400D Datasheet HTML 12Page - Fairchild Semiconductor FAN8400D Datasheet HTML 13Page - Fairchild Semiconductor FAN8400D Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FAN8400D (FAN8400BD3)
11
Test Circuits
3.5V
0.1u
V
CC
56K
1K
1K
V
CC
10K
VREG
0.1u
H
W
-
+
H
U
-
+
H
V
-
+
0.1u
V
CC
10u
22
V
CC
V
CC
V
CC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
FAN8400D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com