전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BT151 데이터시트(PDF) 1 Page - First Components International

부품명 BT151
상세설명  12 Amp Silicon Controlled rectifiers all conduction angles
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo FCI - First Components International

BT151 데이터시트(HTML) 1 Page - First Components International

  BT151 Datasheet HTML 1Page - First Components International BT151 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For use in Applications Requiring high Bidirectional Blocking Voltage Capability and high
Thermal Cycling Performance. Typical Applications include Motor Control, Industrial and
Domestic Lighting, Heating and Static Switching
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITION
UNIT
BT151-
500
650
Repetitive Peak Off State Voltage
VDRM, VRRM
*500
*650
V
Average On State Current
IT (AV)
half sine wave, Tmb < 109ºC
7.5
A
RMS On State Current
IT (RMS)
all conduction angles
A
Non Repetitive Peak On State Current
ITSM
half sine wave, TJ=25ºC
prior to surge
t=10ms
A
t=8.3ms
A
l
2t for Fusing
I
2t
t=10ms
A
2s
Repetitive Rate of Rise of On State
Current After Triggering
dlT/dt
ITM=20A, IG=50mA,
dlG/dt=50mA/µs
A/
µs
Peak Gate Current
IGM
A
Peak Gate Voltage
VGM
V
Peak Reverse Gate Voltage
VRGM
V
Peak Gate Power
PGM
W
Average Gate Power
PG (AV)
Over any 20ms period
W
Storage Temperature
Tstg
- 40 to +150
ºC
Operating Junction Temperature
Tj
ºC
THERMAL RESISTANCE
Junction to Mounting Base
Rth (j-mb)
K/W
Junction to Ambient
Rth (j-a)
in free air
K/W
*Although not recommended, off state voltage upto 800V may be applied without damage, but the
thyristor may switch to the on state. The rate of rise of current should not exceed 15A/
µµs
0.5
60 typ
125
1.3 max
VALUE
12
110
100
5.0
5.0
50
50
2.0
5.0
C
G
A
Description
Mechanical Dimensions
TO-220AB
***=Date Code
Marking
BT151
BT151
- 500
F
***
F
***
- 650
A


유사한 부품 번호 - BT151

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BT151 PHILIPS-BT151 Datasheet
43Kb / 6P
Thyristors
September 1997 Rev 1.200
logo
Unisonic Technologies
BT151 UTC-BT151 Datasheet
189Kb / 5P
BT151
BT151 UTC-BT151 Datasheet
211Kb / 5P
SCRS
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
logo
NXP Semiconductors
BT151 NXP-BT151 Datasheet
110Kb / 8P
Thyristors
April 2004
More results

유사한 설명 - BT151

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5498 NTE-NTE5498 Datasheet
22Kb / 2P
Silicon Controlled Rectifier (SCR) 12 Amp
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
SILICON CONTROLLED RECTIFIERS
logo
Central Semiconductor C...
CS220-12B CENTRAL-CS220-12B Datasheet
83Kb / 2P
SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS
CPS110 CENTRAL-CPS110 Datasheet
37Kb / 1P
Silicon Controlled Rectifier 12 Amp Sensitive Gate SCR Chip
CSDD-12M CENTRAL-CSDD-12M Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIER 12 AMP, 600 THRU 800 VOLTS
logo
First Components Intern...
FCR0320S FCI-FCR0320S Datasheet
161Kb / 2P
0.3 Amp Silicon Controlled Rectifiers Mechanical Dimensions
FCR100-6 FCI-FCR100-6 Datasheet
503Kb / 2P
0.8 Amp Silicon Controlled rectifiers
FCR150-6 FCI-FCR150-6 Datasheet
1Mb / 2P
1.5 Amp Silicon Controlled Rectifiers
FCR0840 FCI-FCR0840 Datasheet
144Kb / 2P
0.8 Amp Silicon Controlled Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com