전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F103x4 데이터시트(PDF) 78 Page - STMicroelectronics

부품명 STM32F103x4
상세설명  Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103x4 데이터시트(HTML) 78 Page - STMicroelectronics

Back Button STM32F103x4 Datasheet HTML 74Page - STMicroelectronics STM32F103x4 Datasheet HTML 75Page - STMicroelectronics STM32F103x4 Datasheet HTML 76Page - STMicroelectronics STM32F103x4 Datasheet HTML 77Page - STMicroelectronics STM32F103x4 Datasheet HTML 78Page - STMicroelectronics STM32F103x4 Datasheet HTML 79Page - STMicroelectronics STM32F103x4 Datasheet HTML 80Page - STMicroelectronics STM32F103x4 Datasheet HTML 81Page - STMicroelectronics STM32F103x4 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
Package characteristics
STM32F103x4, STM32F103x6
78/90
Doc ID 15060 Rev 6
Figure 41.
Recommended footprint
1.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90