| 전자부품 데이터시트 검색엔진 |
|
STM32F302RC 데이터시트(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302RC 데이터시트(HTML) 37 Page - STMicroelectronics |
|
37 / 133 page ![]() STM32F302xx/STM32F303xx Pinouts and pin description Doc ID 023353 Rev 5 37/133 23 14 10 PA0 I/O TTa USART2_CTS, TIM2_CH1_ETR, TIM8_BKIN(3), TIM8_ETR(3), TSC_G1_IO1, COMP1_OUT ADC1_IN1, COMP1_INM, RTC_ TAMP2, WKUP1, COMP7_INP(3) 24 15 11 PA1 I/O TTa USART2_RTS, TIM2_CH2, TSC_G1_IO2, TIM15_CH1N ADC1_IN2, COMP1_INP, OPAMP1_VINP, OPAMP3_VINP(3) 25 16 12 PA2 I/O TTa USART2_TX, TIM2_CH3, TIM15_CH1, TSC_G1_IO3, COMP2_OUT ADC1_IN3, COMP2_INM, OPAMP1_VOUT 26 17 13 PA3 I/O TTa USART2_RX, TIM2_CH4, TIM15_CH2, TSC_G1_IO4 ADC1_IN4, OPAMP1_VINP, COMP2_INP, OPAMP1_VINM 27 18 PF4 I/O TTa (1) COMP1_OUT ADC1_IN5 28 19 VDD_4 S 29 20 14 PA4 I/O TTa SPI1_NSS, SPI3_NSS, I2S3_WS(3), USART2_CK, TSC_G2_IO1, TIM3_CH2 ADC2_IN1, DAC1_OUT1, OPAMP4_VINP(3), COMP1_INM, COMP2_INM, COMP3_INM(3), COMP4_INM, COMP5_INM(3), COMP6_INM, COMP7_INM(3) 30 21 15 PA5 I/O TTa SPI1_SCK, TIM2_CH1_ETR, TSC_G2_IO2 ADC2_IN2, DAC1_OUT2(3) OPAMP1_VINP, OPAMP2_VINM, OPAMP3_VINP(3), COMP1_INM, COMP2_INM, COMP3_INM(3), COMP4_INM, COMP5_INM(3), COMP6_INM, COMP7_INM(3) 31 22 16 PA6 I/O TTa SPI1_MISO, TIM3_CH1, TIM8_BKIN(3), TIM1_BKIN, TIM16_CH1, COMP1_OUT, TSC_G2_IO3 ADC2_IN3, OPAMP2_VOUT 32 23 17 PA7 I/O TTa SPI1_MOSI, TIM3_CH2, TIM17_CH1, TIM1_CH1N, TIM8_CH1N(3), TSC_G2_IO4, COMP2_OUT ADC2_IN4, COMP2_INP, OPAMP2_VINP, OPAMP1_VINP 33 24 PC4 I/O TTa (1) USART1_TX ADC2_IN5 34 25 PC5 I/O TTa (1) USART1_RX, TSC_G3_IO1 ADC2_IN11, OPAMP2_VINM, OPAMP1_VINM Table 11. STM32F302xx/STM32F303xx pin definitions (continued) Pin number Pin name (function after reset) Pin functions Alternate functions Additional functions |